Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC04NSR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC04NSR
Description  HEX INVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC04NSR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AHC04NSR Datasheet HTML 2Page - Texas Instruments SN74AHC04NSR Datasheet HTML 3Page - Texas Instruments SN74AHC04NSR Datasheet HTML 4Page - Texas Instruments SN74AHC04NSR Datasheet HTML 5Page - Texas Instruments SN74AHC04NSR Datasheet HTML 6Page - Texas Instruments SN74AHC04NSR Datasheet HTML 7Page - Texas Instruments SN74AHC04NSR Datasheet HTML 8Page - Texas Instruments SN74AHC04NSR Datasheet HTML 9Page - Texas Instruments SN74AHC04NSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
VCC and VCC CABLE
An (one of A9–A13)
Y9–Y13, Other Than Yn
50% VCC
50% VCC CABLE
Initial Activation Time
One of pins A9–A13 is switched as shown above, and the other four inputs are forced at low state.
VCC = 3.3 V
VCC CABLE = 5 V
TA = 25°C
TYP = 80 ns
SN74LVCZ161284A
19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER
WITH ERROR-FREE POWER UP
SCES358B – SEPTEMBER 2001 – REVISED MAY 2005
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 2 and
Figure 3)
FROM
TO
PARAMETER
MIN TYP(1) MAX
UNIT
(INPUT)
(OUTPUT)
tPLH
1
22
Totem pole
A1–A8
B1–B8
ns
tPHL
1
22
tPLH
1
20
Totem pole
A9–A13
Y9–Y13
ns
tPHL
1
20
tPLH
1
10
Totem pole
B1–B8
A1–A8
ns
tPHL
1
10
tPLH
1
11
Totem pole
C14–C17
A14–A17
ns
tPHL
1
11
tPLH
1
13
Totem pole
PERI LOGIC IN
PERI LOGIC OUT
ns
tPHL
1
13
tPLH
1
13
Totem pole
HOST LOGIC IN
HOST LOGIC OUT
ns
tPHL
1
13
tslew
Totem pole
B1–B8 and Y9–Y13 outputs
0.05
0.4
V/ns
tPZH
1
20
B1–B8, Y9–Y13, and
HD
ns
PERI LOGIC OUT
tPHZ
1
15
ten–tdis
DIR
A1–A8
1
15
ns
tPHZ
1
15
DIR
B1–B8
ns
tPLZ
1
15
tr, tf
Open drain
A1–A13
B1–B8 or Y9–Y13
1
120
ns
tsk(o)(2)
A1–A8 or B1–B8
B1–B8 or A1–A8
2.5
10
ns
(1)
Typical values are measured at VCC = 3.3 V, VCC CABLE = 5 V, and TA = 25°C.
(2)
Skew is measured at 1/2 (VOH + VOL) for signals switching in the same direction.
V
CC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
Outputs enabled
CL = 0,
f = 10 MHz
45
pF
Figure 1. Error-Free Circuit Timing
6


Similar Part No. - SN74AHC04NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC04NSR TI-SN74AHC04NSR Datasheet
1Mb / 30P
[Old version datasheet]   HEX INVERTERS
SN74AHC04NSR TI-SN74AHC04NSR Datasheet
2Mb / 35P
[Old version datasheet]   SNx4AHC04 HEX INVERTERS
REVISED JUNE 2023
SN74AHC04NSRE4 TI-SN74AHC04NSRE4 Datasheet
1Mb / 30P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74AHC04NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com