Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E227APG Datasheet(PDF) 11 Page - Winbond

Part # W79E227APG
Description  8-bit Microcontroller
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79E227APG Datasheet(HTML) 11 Page - Winbond

Back Button W79E227APG Datasheet HTML 7Page - Winbond W79E227APG Datasheet HTML 8Page - Winbond W79E227APG Datasheet HTML 9Page - Winbond W79E227APG Datasheet HTML 10Page - Winbond W79E227APG Datasheet HTML 11Page - Winbond W79E227APG Datasheet HTML 12Page - Winbond W79E227APG Datasheet HTML 13Page - Winbond W79E227APG Datasheet HTML 14Page - Winbond W79E227APG Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 200 page
background image
Preliminary W79E225A/227A Data Sheet
Publication Release Date: December 14, 2007
- 11 -
Revision A2.0
PIN DESCRIPTION, continued
SYMBOL
TYPE
INITIAL
STATE
DESCRIPTIONS
P1.0
−P1.7 I/O S H High
PORT 1: 8-bit, bi-directional I/O port with internal pull-ups. The
ports have alternate functions which are described below:
P1.0, ADC0, T2
P1.1, ADC1, BRAKE
P1.2, ADC2, RXD1
P1.3, ADC3, TXD1
P1.4, ADC4
P1.5, ADC5
P1.6, ADC6
P1.7, ADC7
P2.0-P2.5
I/O S
Tri-state
P2.6-P2.7
I/O D
High-Z
PORT 2: 8-bit, bi-directional I/O port. This port also provides the
upper address bits for accesses to external memory. P2.6 to P2.7
can be software configured as I2C serial ports. P2.0 to P2.5 also
provides PWM0 to PWM5 outputs.
P2.0, A8, PWM0
P2.1, A9, PWM1
P2.2, A10, PWM2
P2.3, A11, PWM3
P2.4, A12, PWM4
P2.5, A13, PWM5
P2.6, A14, SCL
P2.7, A15, SDA
Note:
P2.6 and P2.7 are permanent open drain pins. When access to
external memory beyond 16K region, user requires to add
external pull-up registers (up to 2Kohm) on these pins. This
will result in slight increase in current consumption.
P3.0-P3.7
I/O S H High
PORT 3: 8-bit, bi-directional I/O port with internal pull-ups. The
ports have alternate functions which are described below:
P3.0, RXD
P3.1, TXD
P3.2, /INT0
P3.3, /INT1
P3.4, T0, IC0, QEA
P3.5, T1, IC1, QEB
P3.6, /WR
P3.7, /RD


Similar Part No. - W79E227APG

ManufacturerPart #DatasheetDescription
logo
Winbond
W79E227APG WINBOND-W79E227APG Datasheet
2Mb / 203P
   8-bit Microcontroller
logo
Nuvoton Technology Corp...
W79E227APG NUVOTON-W79E227APG Datasheet
4Mb / 202P
   8-bit Microcontroller
More results

Similar Description - W79E227APG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com