Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC075CPWPG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC075CPWPG4
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC075CPWPG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC075CPWPG4 Datasheet HTML 6Page - Texas Instruments TLC075CPWPG4 Datasheet HTML 7Page - Texas Instruments TLC075CPWPG4 Datasheet HTML 8Page - Texas Instruments TLC075CPWPG4 Datasheet HTML 9Page - Texas Instruments TLC075CPWPG4 Datasheet HTML 10Page - Texas Instruments TLC075CPWPG4 Datasheet HTML 11Page - Texas Instruments TLC075CPWPG4 Datasheet HTML 12Page - Texas Instruments TLC075CPWPG4 Datasheet HTML 13Page - Texas Instruments TLC075CPWPG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS219E − JUNE 1999 − REVISED SEPTEMBER 2006
10
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
operating characteristics at specified free-air temperature, VDD = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
SR+
Positive slew rate at unity gain
VO(PP) = 2 V,
CL = 50 pF,
25
°C
10
16
V/ s
SR+
Positive slew rate at unity gain
VO(PP) = 2 V,
RL = 10 kΩ
CL = 50 pF,
Full range
9.5
V/
µs
SR−
Negative slew rate at unity gain
VO(PP) = 2 V,
CL = 50 pF,
25
°C
12.5
19
V/ s
SR−
Negative slew rate at unity gain
VO(PP) = 2 V,
RL = 10 kΩ
CL = 50 pF,
Full range
10
V/
µs
Vn
Equivalent input noise voltage
f = 100 Hz
25
°C
12
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
7
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.6
fA /
√Hz
VO(PP) = 8 V,
AV = 1
0.002%
THD + N
Total harmonic distortion plus noise
VO(PP) = 8 V,
RL = 10 kΩ and 250 Ω,
f = 1 kHz
AV = 10
25
°C
0.005%
THD + N
Total harmonic distortion plus noise
RL = 10 kΩ and 250 Ω,
f = 1 kHz
AV = 100
25 C
0.022%
t(on)
Amplifier turn-on time‡
RL = 10 kΩ
25
°C
0.47
µs
t(off)
Amplifier turn-off time‡
RL = 10 kΩ
25
°C
2.5
µs
Gain-bandwidth product
f = 10 kHz,
RL = 10 kΩ
25
°C
10
MHz
V(STEP)PP = 1 V,
AV = −1,
0.1%
0.17
ts
Settling time
AV = −1,
CL = 10 pF,
RL = 10 kΩ
0.01%
25
°C
0.22
s
ts
Settling time
V(STEP)PP = 1 V,
AV = −1,
0.1%
25
°C
0.17
µs
AV = −1,
CL = 47 pF,
RL = 10 kΩ
0.01%
0.29
φm
Phase margin
RL = 10 kΩ,
CL = 50 pF
25
°C
37
°
φm
Phase margin
RL = 10 kΩ,
CL = 0 pF
25
°C
42
°
Gain margin
RL = 10 kΩ,
CL = 50 pF
25
°C
3.1
dB
Gain margin
RL = 10 kΩ,
CL = 0 pF
25
°C
4
dB
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.
‡ Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply current
has reached half its final value.


Similar Part No. - TLC075CPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC075CPWP TI-TLC075CPWP Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC075CPWP TI-TLC075CPWP Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE BAND WIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC075CPWP TI1-TLC075CPWP Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC075CPWPRG4 TI-TLC075CPWPRG4 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC075CPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1 Datasheet
778Kb / 31P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Wide-Bandwidth High-Output-Drive Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com