Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC075IDR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC075IDR
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC075IDR Datasheet(HTML) 1 Page - Texas Instruments

  TLC075IDR Datasheet HTML 1Page - Texas Instruments TLC075IDR Datasheet HTML 2Page - Texas Instruments TLC075IDR Datasheet HTML 3Page - Texas Instruments TLC075IDR Datasheet HTML 4Page - Texas Instruments TLC075IDR Datasheet HTML 5Page - Texas Instruments TLC075IDR Datasheet HTML 6Page - Texas Instruments TLC075IDR Datasheet HTML 7Page - Texas Instruments TLC075IDR Datasheet HTML 8Page - Texas Instruments TLC075IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS219E − JUNE 1999 − REVISED SEPTEMBER 2006
1
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Wide Bandwidth . . . 10 MHz
D High Output Drive
− IOH . . . 57 mA at VDD − 1.5 V
− IOL . . . 55 mA at 0.5 V
D High Slew Rate
− SR+ . . . 16 V/
µs
− SR− . . . 19 V/
µs
D Wide Supply Range . . . 4.5 V to 16 V
D Supply Current . . . 1.9 mA/Channel
D Ultralow Power Shutdown Mode
IDD . . . 125 µA/Channel
D Low Input Noise Voltage ...7 nV√Hz
D Input Offset Voltage ...60 µV
D Ultra-Small Packages
− 8 or 10 Pin MSOP (TLC070/1/2/3)
description
The first members of TI’s new BiMOS general-purpose operational amplifier family are the TLC07x. The BiMOS
family concept is simple: provide an upgrade path for BiFET users who are moving away from dual-supply to
single-supply systems and demand higher AC and dc performance. With performance rated from 4.5 V to 16
V across commercial (0
°C to 70°C) and an extended industrial temperature range (−40°C to 125°C), BiMOS
suits a wide range of audio, automotive, industrial and instrumentation applications. Familiar features like offset
nulling pins, and new features like MSOP PowerPAD
 packages and shutdown modes, enable higher levels
of performance in a variety of applications.
Developed in TI’s patented LBC3 BiCMOS process, the new BiMOS amplifiers combine a very high input
impedance low-noise CMOS front end with a high-drive bipolar output stage, thus providing the optimum
performance features of both. AC performance improvements over the TL07x BiFET predecessors include a
bandwidth of 10 MHz (an increase of 300%) and voltage noise of 7 nV/
√Hz (an improvement of 60%). DC
improvements include a factor of 4 reduction in input offset voltage down to 1.5 mV (maximum) in the standard
grade, and a power supply rejection improvement of greater than 40 dB to 130 dB. Added to this list of impressive
features is the ability to drive
±50-mA loads comfortably from an ultrasmall-footprint MSOP PowerPAD package,
which positions the TLC07x as the ideal high-performance general-purpose operational amplifier family.
FAMILY PACKAGE TABLE
DEVICE
NO. OF
PACKAGE TYPES
SHUTDOWN
UNIVERSAL
DEVICE
NO. OF
CHANNELS
MSOP
PDIP
SOIC
TSSOP
SHUTDOWN
UNIVERSAL
EVM BOARD
TLC070
1
8
8
8
Yes
TLC071
1
8
8
8
Refer to the EVM
TLC072
2
8
8
8
Refer to the EVM
Selection Guide
TLC073
2
10
14
14
Yes
Selection Guide
(Lit# SLOU060)
TLC074
4
14
14
20
(Lit# SLOU060)
TLC075
4
16
16
20
Yes
Copyright
 2000−2006, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Operational Amplifier
+
PowerPAD is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.


Similar Part No. - TLC075IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC075IDR TI-TLC075IDR Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC075IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1 Datasheet
778Kb / 31P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Wide-Bandwidth High-Output-Drive Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com