Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT541BPWE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ABT541BPWE4
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT541BPWE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ABT541BPWE4 Datasheet HTML 1Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 2Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 3Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 4Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 5Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 6Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 7Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 8Page - Texas Instruments SN74ABT541BPWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
Switching Characteristics, SN54ABT541
Switching Characteristics, SN74ABT541B
SN54ABT541, SN74ABT541B
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS093L – DECEMBER 1993 – REVISED DECEMBER 2006
over recommended ranges of supply voltage and operating free-air temperature, C
L = 50 pF (unless otherwise noted)
(see Figure 1)
VCC = 5 V,
FROM
TO
TA = 25
°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tPLH
1
2.6
4.1
1
4.6
A
Y
ns
tPHL
1
2.9
4.2
1
4.7
tPZH
1.1
3.1
4.8
1.1
5.4
OE
Y
ns
tPZL
2.1
4.4
5.9
2.1
7
tPHZ
2.1
5.1
6.6
2.1
7.5
OE
Y
ns
tPLZ
1.7
4.7
6.2
1.7
6.7
over recommended ranges of supply voltage and operating free-air temperature, C
L = 50 pF (unless otherwise noted)
(see Figure 1)
VCC = 5 V,
FROM
TO
TA = 25
°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tPLH
1
2
3.2
1
3.9
A
Y
ns
tPHL
1
2.6
3.5
1
3.9
tPZH
2
3.5
4.5
2
4
OE
Y
ns
tPZL
1.9
4
5.1
1.9
5.9
tPHZ
2.2
4.4
5.4
2.2
5.8
OE
Y
ns
tPLZ
1.5
3
4
1.5
4.4
tsk(o)(1)
0.5
0.5
ns
(1)
Skew between any two outputs of the same package switching in the same direction.
5
Submit Documentation Feedback


Similar Part No. - SN74ABT541BPWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT541BPWE4 TI-SN74ABT541BPWE4 Datasheet
588Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT541BPWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com