Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54AHCT126FK Datasheet(PDF) 3 Page - Texas Instruments

Part # SNJ54AHCT126FK
Description  QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54AHCT126FK Datasheet(HTML) 3 Page - Texas Instruments

  SNJ54AHCT126FK Datasheet HTML 1Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 2Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 3Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 4Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 5Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 6Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 7Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 8Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN54AHCT126, SN74AHCT126
QUADRUPLE BUS BUFFER GATES
WITH 3-STATE OUTPUTS
SCLS265O – DECEMBER 1995 – REVISED JULY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54AHCT126
SN74AHCT126
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
–8
–8
mA
IOL
Low-level output current
8
8
mA
∆t/∆v
Input transition rise or fall rate
20
20
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AHCT126
SN74AHCT126
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
IOH = –50 mA
45 V
4.4
4.5
4.4
4.4
V
VOH
IOH = –8 mA
4.5 V
3.94
3.8
3.8
V
VOL
IOL = 50 mA
45 V
0.1
0.1
0.1
V
VOL
IOL = 8 mA
4.5 V
0.36
0.44
0.44
V
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
IOZ
VO = VCC or GND
5.5 V
±0.25
±2.5
±2.5
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
20
mA
∆ICC†
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
1.35
1.5
1.5
mA
Ci
VI = VCC or GND
5 V
4
10
10
pF
Co
VO = VCC or GND
5 V
15
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
† This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.


Similar Part No. - SNJ54AHCT126FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54AHCT126FK TI-SNJ54AHCT126FK Datasheet
556Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SNJ54AHCT126FK TI-SNJ54AHCT126FK Datasheet
715Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SNJ54AHCT126FK TI-SNJ54AHCT126FK Datasheet
745Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SNJ54AHCT126FK TI-SNJ54AHCT126FK Datasheet
756Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54AHCT126FK

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125A TI1-SN74LV125A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54HC125 TI1-SN54HC125_15 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125 UTC-U74HCT125_15 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com