Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54AHCT126FK Datasheet(PDF) 9 Page - Texas Instruments

Part # SNJ54AHCT126FK
Description  QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54AHCT126FK Datasheet(HTML) 9 Page - Texas Instruments

Back Button SNJ54AHCT126FK Datasheet HTML 5Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 6Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 7Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 8Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 9Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 10Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 11Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 12Page - Texas Instruments SNJ54AHCT126FK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MECHANICAL
MPDI002C – JANUARY 1995 – REVISED DECEMBER 20002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
N (R-PDIP-T**)
PLASTIC DUAL-IN-LINE PACKAGE
BB
AC
AD
0.325 (8,26)
0.300 (7,62)
0.010 (0,25) NOM
Gauge Plane
0.015 (0,38)
0.430 (10,92) MAX
20
1.060
(26,92)
0.940
(23,88)
18
0.920
0.850
14
0.775
0.745
(19,69)
(18,92)
16
0.775
(19,69)
(18,92)
0.745
A MIN
DIM
A MAX
PINS **
(23,37)
(21,59)
Seating Plane
14/18 PIN ONLY
20 pin vendor option
4040049/E 12/2002
9
8
0.070 (1,78)
A
0.045 (1,14)
0.020 (0,51) MIN
16
1
0.015 (0,38)
0.021 (0,53)
0.200 (5,08) MAX
0.125 (3,18) MIN
0.240 (6,10)
0.260 (6,60)
M
0.010 (0,25)
0.100 (2,54)
16 PINS SHOWN
MS-100
VARIATION
AA
C
D
D
D
0.030 (0,76)
0.045 (1,14)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-001, except 18 and 20 pin minimum body lrngth (Dim A).
D. The 20 pin end lead shoulder width is a vendor option, either half or full width.


Similar Part No. - SNJ54AHCT126FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54AHCT126FK TI-SNJ54AHCT126FK Datasheet
556Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SNJ54AHCT126FK TI-SNJ54AHCT126FK Datasheet
715Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SNJ54AHCT126FK TI-SNJ54AHCT126FK Datasheet
745Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SNJ54AHCT126FK TI-SNJ54AHCT126FK Datasheet
756Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54AHCT126FK

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125A TI1-SN74LV125A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54HC125 TI1-SN54HC125_15 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125 UTC-U74HCT125_15 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com