Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC170 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65LBC170
Description  TRIPLE DIFFERENTIAL TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC170 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LBC170_08 Datasheet HTML 3Page - Texas Instruments SN65LBC170_08 Datasheet HTML 4Page - Texas Instruments SN65LBC170_08 Datasheet HTML 5Page - Texas Instruments SN65LBC170_08 Datasheet HTML 6Page - Texas Instruments SN65LBC170_08 Datasheet HTML 7Page - Texas Instruments SN65LBC170_08 Datasheet HTML 8Page - Texas Instruments SN65LBC170_08 Datasheet HTML 9Page - Texas Instruments SN65LBC170_08 Datasheet HTML 10Page - Texas Instruments SN65LBC170_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN65LBC170, SN75LBC170
TRIPLE DIFFERENTIAL TRANSCEIVERS
SLLS459C − NOVEMBER 2000 − REVISED MARCH 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOD
75
50
Signal
Generator{
90%
Output
0 V
10%
tf
tr
Input
0 V
3 V
tPHL
1.5 V
tPLH
90%
10%
VOD(H)
VOD(L)
1.5 V
S1
0 V
5 V
375
165
165
375
S2
0 V
5 V
60 pF‡
60 pF‡
† PRR = 1 MHz, 50% Duty Cycle, tr < 6 ns, tf < 6 ns, Zo = 50 Ω
‡ Includes probe and jig capacitance
Figure 4. Driver Switching Test Circuit and Waveforms, HVD SCSI-Loading (double terminated)
Output
2.3 V
Input
0 V
3 V
1.5 V
tPZH
0.5 V
0 V
VOH
tPHZ
S1
50
Generator}
0 V or 3 V{
Input
RL = 110 Ω
Output
CL = 50 pF§
1.5 V
A
B
† 3 V if testing A output, 0 V if testing B output
‡ PRR = 1 MHz, 50% Duty Cycle, tr < 6 ns, tf < 6 ns, Zo = 50 Ω
w Includes probe and jig capacitance
Figure 5. Driver Enable/Disable Test, High Output
Output
2.3 V
Input
0 V
3 V
1.5 V
tPZL
0.5 V
5 V
VOL
tPLZ
S1
50
Generator‡
Input
RL = 110 Ω
Output
CL = 50 pF§
1.5 V
5 V
B
A
† 0 V if testing A output, 3 V if testing B output
‡ PRR = 1 MHz, 50% Duty Cycle, tr < 6 ns, tf < 6 ns, Zo = 50 Ω
w Includes probe and jig capacitance
0 V or 3 V{
Figure 6. Driver Enable/Disable Test, Low Output


Similar Part No. - SN65LBC170_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC170 TI-SN65LBC170_07 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results

Similar Description - SN65LBC170_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC171 TI1-SN65LBC171_09 Datasheet
471Kb / 20P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_07 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170 Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN75ALS171 TI-SN75ALS171 Datasheet
296Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171 TI-SN75ALS171_07 Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com