Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE91A Datasheet(PDF) 1 Page - Fuji Electric

Part # P6KE91A
Description  600 Watts Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

P6KE91A Datasheet(HTML) 1 Page - Fuji Electric

  P6KE91A Datasheet HTML 1Page - Fuji Electric P6KE91A Datasheet HTML 2Page - Fuji Electric P6KE91A Datasheet HTML 3Page - Fuji Electric P6KE91A Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions in inches and (millimeters)
Version: A06
P6KE SERIES
600 Watts Transient Voltage Suppressor Diodes
DO-15
Features
UL Recognized File # E-96005
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Exceeds environmental standards of
MIL-STD-19500
600W surge capability at 10 x 100 us
waveform, duty cycle: 0.01%
Excellent clamping capability
Low zener impedance
Fast response time: Typically less than 1.0ps
from 0 volts to VBR for unidirectional and 5.0 ns
for bidirectional
Typical IR less than 1uA above 10V
High temperature soldering guaranteed:
260oC / 10 seconds / .375”,(9.5mm) lead length
/ 5lbs.,(2.3kg) tension
Mechanical Data
Case: Molded plastic
Lead: Pure tin plated lead free,, solderable per
MIL-STD-202, Method 208
Polarity: Color band denotes cathode except
bipolar
Weight: 0.42gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
Value
Units
Peak Power Dissipation at TA=25
OC, Tp=1ms (Note 1)
PPK
Minimum 600
Watts
Steady State Power Dissipation at TL=75
oC
Lead Lengths .375”, 9.5mm (Note 2)
PD
5.0
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 3)
IFSM
100
Amps
Maximum Instantaneous Forward Voltage at 50.0A for
Unidirectional Only (Note 4)
VF
3.5 / 5.0
Volts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
o
C
Notes:
1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2.
2. Mounted on Copper Pad Area of 1.6 x 1.6” (40 x 40 mm) Per Fig. 4.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per
Minutes Maximum.
4. VF=3.5V for Devices of VBR 200V and VF=5.0V Max. for Devices of VBR>200V.
Devices for Bipolar Applications
1. For Bidirectional Use C or CA Suffix for Types P6KE6.8 through Types P6KE400.
2. Electrical Characteristics Apply in Both Directions.


Similar Part No. - P6KE91A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE91A MOTOROLA-P6KE91A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Socay Electornics Co., ...
P6KE91A SOCAY-P6KE91A Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
MDE Semiconductor, Inc.
P6KE91A MDE-P6KE91A Datasheet
78Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P6KE91A SUNMATE-P6KE91A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
EIC discrete Semiconduc...
P6KE91A EIC-P6KE91A Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE91A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P6KE480A LUGUANG-P6KE480A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_06 Datasheet
329Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE LUGUANG-P6KE Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
P6KE6.8 LUGUANG-P6KE6.8 Datasheet
629Kb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE51 LUGUANG-P6KE51 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
P6KE TSC-P6KE_1 Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com