Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS1177NSLE Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75ALS1177NSLE
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS1177NSLE Datasheet(HTML) 2 Page - Texas Instruments

  SN75ALS1177NSLE Datasheet HTML 1Page - Texas Instruments SN75ALS1177NSLE Datasheet HTML 2Page - Texas Instruments SN75ALS1177NSLE Datasheet HTML 3Page - Texas Instruments SN75ALS1177NSLE Datasheet HTML 4Page - Texas Instruments SN75ALS1177NSLE Datasheet HTML 5Page - Texas Instruments SN75ALS1177NSLE Datasheet HTML 6Page - Texas Instruments SN75ALS1177NSLE Datasheet HTML 7Page - Texas Instruments SN75ALS1177NSLE Datasheet HTML 8Page - Texas Instruments SN75ALS1177NSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN75ALS1177, SN75ALS1178
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS154B – MARCH 1993 – REVISED FEBRUARY 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Function Tables
SN75ALS1177, SN75ALS1178
(each driver)
INPUT
ENABLE
OUTPUTS
D
DE
Y
Z
H
H
H
L
L
H
L
H
X
L
Z
Z
SN75ALS1177
(each receiver)
DIFFERENTIAL
A–B
ENABLE
RE
OUTPUT
Y
VID ≥ 0.2 V
L
H
–0.2 V < VID < 0.2 V
L
?
VID ≤ –0.2 V
L
L
X
H
Z
Open
L
H
SN75ALS1178
(each receiver)
DIFFERENTIAL
A–B
OUTPUT
Y
VID ≥ 0.2 V
H
–0.2 V < VID < 0.2 V
?
VID ≤ –0.2 V
L
Open
H
H = High level, L = Low level,
? = Indeterminate,
X = Irrelevant,
Z = High impedance (off)
logic symbol
SN75ALS1177
SN75ALS1178
15
1D
EN2
4
1R
3
EN
4
1DE
15
1D
† These symbols are in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
EN1
12
DE
9
2D
2R
5
1Y
14
1Z
13
1A
2
1B
1
2Y
10
2Z
11
2A
6
2B
7
RE
2
2
1
1
1
1
1R
3
1Y
14
1Z
13
1A
2
1B
1
2Y
10
2Z
11
2A
6
2B
7
EN
12
2DE
9
2D
2R
5


Similar Part No. - SN75ALS1177NSLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS1177NSLE TI-SN75ALS1177NSLE Datasheet
334Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177NSLE TI-SN75ALS1177NSLE Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN75ALS1177NSLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com