Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU6376-GEL Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AU6376-GEL
Description  USB2.0 Multi-LUN Flash Card Reader Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6376-GEL Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AU6376-GEL Datasheet HTML 2Page - List of Unclassifed Manufacturers AU6376-GEL Datasheet HTML 3Page - List of Unclassifed Manufacturers AU6376-GEL Datasheet HTML 4Page - List of Unclassifed Manufacturers AU6376-GEL Datasheet HTML 5Page - List of Unclassifed Manufacturers AU6376-GEL Datasheet HTML 6Page - List of Unclassifed Manufacturers AU6376-GEL Datasheet HTML 7Page - List of Unclassifed Manufacturers AU6376-GEL Datasheet HTML 8Page - List of Unclassifed Manufacturers AU6376-GEL Datasheet HTML 9Page - List of Unclassifed Manufacturers AU6376-GEL Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ii
List of Figures
Figure 2.1 Block Diagram..................................................................2
Figure 3.1 AU6376-GEL Pin Assignment Diagram..........................3
Figure 4.1 AU6376 Block Diagram ...................................................8
Figure 5.1 Built-in card power switch I-V curve ..............................13
Figure 5.2 Card Detect Power-in Timing..........................................13
Figure 6.1 Mechanical Information Diagram ...................................14
List of Tables
Table 3.1 AU6376-GEL Pin Descriptions .........................................4
Table 5.1 Absolute Maximum Ratings .............................................9
Table 5.2 Recommended Operating Conditions .............................9
Table 5.3 General DC Characteristics ..............................................9
Table 5.4 DC Electrical Characteristics of 3.3V I/O Cells ...............10
Table 5.5 Electrical characteristics ..................................................10
Table 5.6 Static characteristic:Digital pin .....................................11
Table 5.7 Static characteristic:Analog I/O pins(DP/DM)..........11
Table 5.8 Dynamic characteristic:Analog I/O pins(DP/DM).....12


Similar Part No. - AU6376-GEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
   USB2.0 Multiple Slots Flash Memory Card Reader
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
More results

Similar Description - AU6376-GEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
   USB2.0 Multi-LUN Flash Card Reader
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
   USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com