Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUA6027 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUA6027
Description  2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6027 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUA6027 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
EUA6027
DS6027 Ver 1.0 Feb. 2007
1
2-W Stereo Audio Power Amplifier
with Selectable Gain and Shutdown
DESCRIPTOIN
The EUA6027 is a stereo audio speaker amplifier in a 20-pin
TSSOP thermally enhanced package. Operating on a single 5V
supply, EUA6027 is capable of delivering 2W of output power
per channel into 3Ω loads with less than 1% THD+N.
Amplifier gain is internally configured and controlled by way of
two terminals (GAIN0 and GAIN1). Gain settings of 6 dB, 10 dB,
15.6 dB, and 21.6 dB (inverting) are provided. Internal gain
control requires few external components.
Other features include an active-low shutdown mode input and
thermal shutdown protection.
Typical Application
FEATURES
2W/Ch Output Power Into 3-Ω Load From 5-V
Supply
Internal Gain Control
Fully Differential Input
Depop Circuitry
Thermal Shutdown Protection
TSSOP-20 with Thermal Pad
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Notebook Computers, PDAs, and Other Portable
Audio Devices
Figure 1.


Similar Part No. - EUA6027

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6027A EUTECH-EUA6027A Datasheet
767Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
EUA6027AQIR1 EUTECH-EUA6027AQIR1 Datasheet
767Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
More results

Similar Description - EUA6027

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6027A EUTECH-EUA6027A Datasheet
767Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_15 Datasheet
828Kb / 32P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
BCD Semiconductor Manuf...
AA4005 BCDSEMI-AA4005 Datasheet
571Kb / 15P
   2.7W Stereo Audio Power Amplifier with Shutdown, 4 Selectable Gain Setups
logo
Texas Instruments
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com