Electronic Components Datasheet Search |
|
W83792AD Datasheet(PDF) 5 Page - Winbond |
|
W83792AD Datasheet(HTML) 5 Page - Winbond |
5 / 97 page W83792AD/AG/D/G - IV - 8. CONTROL AND STATUS REGISTER.......................................................................................... 29 8.1 Watch Dog Timer Registers --- Index 01h-04h ................................................................... 29 8.2 VRM Tolerance Registers ⎯ Index 12h-13h (Bank 0)........................................................ 30 8.3 VID Control/Status Registers ⎯ Index 14h-18h (Bank 0)................................................... 31 8.4 GPIO Control/Status Register ⎯ Index 1A~1Eh (Bank 0) .................................................. 33 8.5 VRM Output Control ---- Index 1F(Bank 0).......................................................................... 34 8.6 Value RAM ⎯ Index 20h- 2Ah AEh AFh (Bank 0) .............................................................. 35 8.7 Limit RAM ⎯ Index 2Bh- 2Dh (Bank 0)............................................................................... 36 8.8 Configuration Register ⎯ Index 40h (Bank 0)..................................................................... 37 8.9 Interrupt Status Registers ⎯ Index 41h 42h 9Bh(Bank 0).................................................. 38 8.10 SMI#/IRQ Mask Registers ⎯ Index 43h~45h 9Ch 9Dh(Bank 0) ........................................ 38 8.11 Realtime Status Registers ⎯ Index A9h~ABh(Bank 0) ...................................................... 39 8.12 Serial Bus Address Registers ⎯ Index 48h 4A(Bank 0)..................................................... 39 8.13 ID, Bank Select Registers-- Index 49h 4Eh 4Fh 58h (Bank 0)............................................ 40 8.14 Pin Control Register -- Index4Bh (Bank 0) .......................................................................... 40 8.15 SMI#/OVT# Property Select -- Index 4Ch (Bank 0) ............................................................ 41 8.16 Diode Selection Register -- Index 59h (Bank 0)................................................................. 43 8.17 FANIN Divisor Control Registers -- Index 47h 5Bh 5Ch(Bank 0)....................................... 44 8.18 VBAT Monitor Control Register -- Index 5Dh (Bank 0) ....................................................... 45 8.19 FAN Pre-Scale Registers-- Index 80h 82h 93h A0h A1h A2h(Bank 0).............................. 46 8.20 FAN Duty Cycle Select Register--81h 83h 94h A3h A4h A5h(Bank 0)............................... 47 8.21 FAN 1/2 Configuration Register-- Index 84h (Bank 0) ........................................................ 49 8.22 Fan 1 Target Temperature Registers -- Index 85h 86h 96h(Bank 0).................................. 49 8.23 Tolerance of Fan1/2 Target Temperature Register -- Index 87h 97h(Bank0).................... 50 8.24 Fan Stop/Start Duty Cycle/DC Level Registers -- Index 88h 89h 98h(Bank 0)................... 51 8.25 Fan Stop Time Register -- Index 8Ch 8Dh 9Ah(Bank 0)..................................................... 51 8.26 Fan Step Down/Up Time Register -- Index 8Eh 8Fh(Bank 0) ............................................. 52 8.27 Fan 1/2/3 Smart Fan II Temperature/ Duty Cycle setups -- Index E0h~EBh 5Fh(Bank 0) 52 8.28 Value RAM 2 ⎯ Index B0h B1h B8h ~ BAh (BANK 0) ........................................................ 54 8.29 Limit RAM 2--- Index B4h~B7h BBh~BDh (BANK0) ........................................................... 55 8.30 Temperature Sensor 2 (First LM75) .................................................................................... 55 8.31 Temperature (High Byte) Register - Index C0h (Bank 0) .................................................... 56 8.32 Temperature Sensor 2 Temperature (Low Byte) Register - Index C1h (Bank 0)................ 56 8.33 Temperature Sensor 2 Configuration Register - Index C2h (Bank 0) ................................. 56 8.34 Temperature Sensor 2 Hysteresis (High Byte) Register - Index C3h (Bank 0)................... 56 8.35 Temperature Sensor 2 Hysteresis (Low Byte) Register - Index C4h (Bank 0) ................... 56 |
Similar Part No. - W83792AD |
|
Similar Description - W83792AD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |