Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4360-8BCPZRL71 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4360-8BCPZRL71
Description  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-8BCPZRL71 Datasheet(HTML) 4 Page - Analog Devices

  ADF4360-8BCPZRL71 Datasheet HTML 1Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 2Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 3Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 4Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 5Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 6Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 7Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 8Page - Analog Devices ADF4360-8BCPZRL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADF4360-8
Rev. A | Page 4 of 24
Parameter
B Version
Unit
Conditions/Comments
Harmonic Content (Third)
−21
dBc typ
Output Power5, 7
−9/0
dBm typ
Using tuned load, programmable in 3 dB steps; see Table 7
Output Power5, 8
−14/−9
dBm typ
Using 50 Ω resistors to VVCO, programmable in 3 dB steps; see Table 7
Output Power Variation
±3
dB typ
VCO Tuning Range
1.25/2.5
V min/max
NOISE CHARACTERISTICS5
VCO Phase Noise Performance9
−120
dBc/Hz typ
@ 100 kHz offset from carrier
−139
dBc/Hz typ
@ 800 kHz offset from carrier
−140
dBc/Hz typ
@ 3 MHz offset from carrier
−142
dBc/Hz typ
@ 10 MHz offset from carrier
Synthesizer Phase Noise Floor10
−160
dBc/Hz typ
@ 200 kHz PFD frequency
−150
dBc/Hz typ
@ 1 MHz PFD frequency
−142
dBc/Hz typ
@ 8 MHz PFD frequency
Phase Noise Figure of Merit10
−215
dBc/Hz typ
In-Band Phase Noise11, 12
−102
dBc/Hz typ
@ 1 kHz offset from carrier
RMS Integrated Phase Error13
0.09
Degrees typ
100 Hz to 100 kHz
Spurious Signals due to PFD
Frequency12, 14
−75
dBc typ
Level of Unlocked Signal with
MTLD Enabled
−70
dBm typ
1 Operating temperature range is –40°C to +85°C.
2 Guaranteed by design. Sample tested to ensure compliance.
3 ICP is internally modified to maintain constant loop gain over the frequency range.
4 TA = 25°C; AVDD = DVDD = VVCO = 3.3 V.
5 Unless otherwise stated, these characteristics are guaranteed for VCO core power = 5 mA. L1, L2 = 270 nH, 470 Ω resistors to GND in parallel with L1, L2.
6 Jumping from 88 MHz to 108 MHz. PFD frequency = 200 kHz; loop bandwidth = 10 kHz.
7 For more detail on using tuned loads, see the Output Matching section.
8 Using 50 Ω resistors to VVCO, into a 50 Ω load.
9 The noise of the VCO is measured in open-loop conditions.
10 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 log N (where N is the N divider value). The
phase noise figure of merit subtracts 10 log (PFD frequency).
11 The phase noise is measured with the EVAL-ADF4360-xEB1 Evaluation Board and the HP 8562E Spectrum Analyzer. The Spectrum Analyzer provides the REFIN for the
synthesizer; offset frequency = 1 kHz.
12 fREFIN = 10 MHz; fPFD = 200 kHz; N = 1000; loop B/W = 10 kHz.
13 fREFIN = 10 MHz; fPFD = 1 MHz; N = 120; loop B/W = 100 kHz.
14 The spurious signals are measured with the EVAL-ADF4360-xEB1 Evaluation Board and the HP 8562E Spectrum Analyzer. The Spectrum Analyzer provides the REFIN
for the synthesizer; fREFOUT = 10 MHz @ 0 dBm.


Similar Part No. - ADF4360-8BCPZRL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8BCPZRL7 AD-ADF4360-8BCPZRL7 Datasheet
368Kb / 24P
   Integrated Synthesizer and VCO
More results

Similar Description - ADF4360-8BCPZRL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com