Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

1N19 Datasheet(HTML) 1 Page - Daesan Electronics Corp.

Part No. 1N19
Description  CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAESAN [Daesan Electronics Corp.]
Homepage  http://www.diodelink.com
Logo 

1N19 Datasheet(HTML) 1 Page - Daesan Electronics Corp.

  1N19 Datasheet HTML 1Page - Daesan Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 2 page
background image
1N17 THRU 1N19
CURRENT 1.0Ampere
VOLTAGE 20 to 40 Volts
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics
Notes:
(1) Pulse test: 300μS pulse width, 1% duty cycle
(2) Thermal resistance from junction to ambient P.C.B. mounted, 0.5"(12.7mm) lead length
(3) Measured 1.0MHz and reverse voltage of 4.0 volts
· Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
· Metal silicon junction, majority carrier conduction
· Low power loss, high efficiency
· High current capability, Low forward voltage drop
· High surge capability
· For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
· Case : R-1 molded plastic body
· Terminals : Plated axial leads, solderable per
MIL-STD-750, Method 2026
· Polarity : Color band denotes cathode end
· Weight : 0.007 ounce, 0.20 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive
load. For capacitive load, derate by 20%)
Symbols
1N17
1N19
Units
Maximum repetitive peak reverse voltage
VRRM
20
30
40
Volts
Maximum RMS voltage
VRMS
0.450
0.550
0.600
Maximum DC blocking Voltage
VDC
0.750
0.875
0.900
Volts
Maximum average forward rectified
current 0.375"(9.5mm) lead length at TL=90℃
I(AV)
1.0
Amp
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method) at TL=70℃
25.0
Amps
Maximum instantaneous forward voltage at 1.0A (Note 1)
VF
0.5
Volts
TA=25℃
10.0
Maximum instantaneous reverse current
at rated DC blocking voltage (Note1)
TA=100℃
110.0
mA
Typical thermal resistance (Note 2)
50.0
15.0
℃/W
Operating junction temperature range
-65 to +125
IR
IFSM
JA
JL
TJ, TSTG
Volts
1N18
CJ
VRSM
14
21
28
20
30
40
24
36
48
Volts
VF
P
F
Maximum non-repetitive peak reverse voltage
Maximum instantaneous forward voltage at 3.1A (Note 2)
Typical junction capacitance (Note 3)
Dimensions in inches and (millimeters)
R-1
0.787(20.0)
MIN.
0.787(20.0)
MIN.
0.126(3.2)
0.106(2.7)
0.025(0.65)
0.021(0.55)
DIA.
0.102(2.6)
0.091(2.3)
DIA.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn