Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC182S14 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC182S14
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC182S14 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC182S14_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC182S14_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC182S14_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC182S14_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC182S14_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC182S14_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8
8 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application
should be generated with proper RF circuit design
techniques. Signal lines at the RF port should have
50 ohm impedance and the package ground leads
should be connected directly to the ground plane
similar to that shown above. The evaluation circuit
board shown above is available from Hittite Micro-
wave Corporation upon request.
Item
Description
J1 - J5
PCB Mount SMA RF Connector
J6 - J9
DC Pin
C1 - C5
330 pF capacitor, 0402 Pkg.
C6 - C8
10,000 pF capacitor, 0603 Pkg.
U1
HMC182S14 / HMC182S14E
SP4T Switch
PCB [2]
101656 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC182S14 / 182S14E
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 2.0 GHz
v03.0805
List of Materials for Evaluation PCB 101672 [1]


Similar Part No. - HMC182S14_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
More results

Similar Description - HMC182S14_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC182S14 HITTITE-HMC182S14 Datasheet
190Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
logo
Analog Devices
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Hittite Microwave Corpo...
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3_06 Datasheet
307Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com