Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-HG2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3X-HG2
Description  Optical Fiber Photoelectric Sensor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-HG2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3X-HG2 Datasheet HTML 1Page - Omron Electronics LLC E3X-HG2 Datasheet HTML 2Page - Omron Electronics LLC E3X-HG2 Datasheet HTML 3Page - Omron Electronics LLC E3X-HG2 Datasheet HTML 4Page - Omron Electronics LLC E3X-HG2 Datasheet HTML 5Page - Omron Electronics LLC E3X-HG2 Datasheet HTML 6Page - Omron Electronics LLC E3X-HG2 Datasheet HTML 7Page - Omron Electronics LLC E3X-HG2 Datasheet HTML 8Page - Omron Electronics LLC E3X-HG2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
E3X
E3X
2
Item
Manual Sensitivity Adjustment Knob
Protective Cover
Application
Makes adjustment possible without
screwdriver. Water-resistance lost when used
(enclosure rating reduced to IP50).
Replacement part for cover supplied with
Amplifier Unit.
Model
E39-G3
E39-G4
Appearance
Amplifier Units
Item
Auto-tuning
High-sensitivity
Model
E3X-T11
E3X-T21
E3X-H11
Appearance
59
12
32
Light source
Red LED (660 nm)
Power supply voltage
12 to 24 VDC +10%, ripple (p-p) 10% max.
10 to 30 VDC +10%, ripple
(p-p) 10% max.
Current consumption
50 mA max.
35 mA max.
Response time
500 ms max.
1 m sec max.
Control output
100 mA max. at 30 VDC, NPN open collector
Timer function
---
OFF-delay timer (fixed to 40 ms), switch selectable
Self-diagnosis alarm output
---
50 mA max. at 30 VDC, open
collector
---
Variable hysteresis function
---
0% to 20%
Tuning monitor function
Indicator (red/green LED) and buzzer
---
Remote tuning function/
Remote bank function
---
When ON, short-circuit the
blue and pink wires.
(Short-circuit the blue and
purple wires for remote bank
selection.):
Short-circuit voltage 3 V
max., short-circuit current
5 mA min.
When OFF, open the blue
and pink wires: 9 V min.
(input voltage: 24 V max.),
response time 100 ms max.
when OFF.
---
Output method
Light ON and Dark ON selector


Similar Part No. - E3X-HG2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3X-H ETC1-E3X-H Datasheet
190Kb / 6P
   Fiber-Optic Accessories
logo
Omron Electronics LLC
E3X-H OMRON-E3X-H Datasheet
432Kb / 6P
   Fiber-Optic Accessories
More results

Similar Description - E3X-HG2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-N OMRON-E3X-N Datasheet
906Kb / 52P
   Teaching Optical Fiber Photoelectric Sensor
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
   Fine Tuning Fiber Photoelectric Sensor
E32S15105M OMRON-E32S15105M Datasheet
844Kb / 10P
   Optical Fiber Glossy Object Sensor
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com