Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC30K-SPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRG4BC30K-SPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR Short Ciruit Rated UltraFast IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30K-SPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRG4BC30K-SPBF Datasheet HTML 2Page - International Rectifier IRG4BC30K-SPBF Datasheet HTML 3Page - International Rectifier IRG4BC30K-SPBF Datasheet HTML 4Page - International Rectifier IRG4BC30K-SPBF Datasheet HTML 5Page - International Rectifier IRG4BC30K-SPBF Datasheet HTML 6Page - International Rectifier IRG4BC30K-SPBF Datasheet HTML 7Page - International Rectifier IRG4BC30K-SPBF Datasheet HTML 8Page - International Rectifier IRG4BC30K-SPBF Datasheet HTML 9Page - International Rectifier IRG4BC30K-SPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRG4BC30K-SPbF
www.irf.com
9
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
„ Pulse width ≤ 80µs; duty factor ≤ 0.1%.
… Pulse width 5.0µs, single shot.
Notes:
 Repetitive rating; VGE = 20V, pulse width limited by
max. junction temperature. ( See fig. 13b )
‚ VCC = 80%(VCES), VGE = 20V, L = 10µH, RG = 23Ω,
(See fig. 13a)
ƒ Repetitive rating; pulse width limited by maximum
junction temperature.
† When mounted on 1" square PCB (FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer
to application note #AN-994.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 08/04


Similar Part No. - IRG4BC30K-SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30K-S IRF-IRG4BC30K-S Datasheet
161Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30K-S IRF-IRG4BC30K-S Datasheet
263Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30K-S IRF-IRG4BC30K-S_04 Datasheet
263Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
More results

Similar Description - IRG4BC30K-SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4RC10KPBF IRF-IRG4RC10KPBF Datasheet
188Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
IRG4PH30KPBF IRF-IRG4PH30KPBF Datasheet
345Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated Ultrafast IGBT
IRGPC40K IRF-IRGPC40K Datasheet
110Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
IRG4PC40KPBF IRF-IRG4PC40KPBF Datasheet
235Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
IRGPC20K IRF-IRGPC20K Datasheet
110Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
IRGBC30KD2 IRF-IRGBC30KD2 Datasheet
145Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast CoPack IGBT
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC50UPBF IRF-IRG4PC50UPBF Datasheet
640Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC40UPBF IRF-IRG4PC40UPBF Datasheet
633Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4BC40UPBF IRF-IRG4BC40UPBF Datasheet
226Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com