Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRR1280-1R1Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR1280-1R1Y
Description  SRR1280 Series - Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1280-1R1Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR1280-1R1Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR1280-1R1Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Inductance 100 kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Typ.
Frequency
Typ.
Max.
Max.
Typ.
(MHz)
(MHz)
(mΩ)
(A)
(A)
SRR1280-1R1Y
1.1
± 30
26
7.96
85
6.5
10.20
14.00
SRR1280-1R4Y
1.4
± 30
24
7.96
80
9.8
9.80
12.00
SRR1280-2R4Y
2.4
± 30
20
7.96
45
10.0
9.20
10.50
SRR1280-3R3Y
3.3
± 30
20
7.96
40
12.0
8.80
9.80
SRR1280-4R5Y
4.5
± 30
20
7.96
34
13.5
8.50
9.00
SRR1280-4R7Y
4.7
± 30
22
7.96
30
15.5
8.20
8.80
SRR1280-5R6Y
5.6
± 30
20
7.96
24
16.0
8.00
8.50
SRR1280-6R8Y
6.8
± 30
20
7.96
22
18.5
7.60
8.00
SRR1280-7R5Y
7.5
± 30
16
7.96
21
17.5
6.40
7.00
SRR1280-8R2Y
8.2
± 30
22
2.52
20
20.5
6.20
6.80
SRR1280-100M
10.0
± 20
24
2.52
17
19.5
6.00
6.30
SRR1280-120M
12.0
± 20
26
2.52
15
28.0
5.60
6.60
SRR1280-150M
15.0
± 20
26
2.52
13
28.5
5.20
5.00
SRR1280-180M
18.0
± 20
24
2.52
12
35.0
4.80
4.60
SRR1280-220M
22.0
± 20
20
2.52
11
38.6
4.30
4.10
SRR1280-270M
27.0
± 20
26
2.52
10
52.0
3.90
3.70
SRR1280-330M
33.0
± 20
28
2.52
9.5
57.0
3.50
3.30
SRR1280-390M
39.0
± 20
24
2.52
8.5
70.0
3.20
3.10
SRR1280-470M
47.0
± 20
24
2.52
7.5
80.0
2.90
2.80
SRR1280-560M
56.0
± 20
24
2.52
7.0
100.0
2.60
2.50
SRR1280-680M
68.0
± 20
20
2.52
6.5
120.0
2.40
2.30
SRR1280-820M
82.0
± 20
20
0.796
5.0
130.0
2.30
2.20
SRR1280-101M
100.0
± 20
18
0.796
4.5
150.0
2.10
2.00
SRR1280-121K
120.0
± 10
16
0.796
4.3
200.0
1.95
1.95
SRR1280-151K
150.0
± 10
24
0.796
4.1
270.0
1.85
1.90
SRR1280-181K
180.0
± 10
24
0.796
4.0
300.0
1.75
1.88
SRR1280-221K
220.0
± 10
24
0.796
3.4
400.0
1.60
1.70
SRR1280-271K
270.0
± 10
20
0.796
3.1
450.0
1.20
1.60
SRR1280-331K
330.0
± 10
18
0.796
2.9
600.0
1.10
1.40
SRR1280-391K
390.0
± 10
20
0.796
2.7
680.0
1.60
1.40
SRR1280-471K
470.0
± 10
20
0.796
2.2
880.0
0.90
1.25
SRR1280-561K
560.0
± 10
20
0.796
2.0
960.0
0.80
1.15
SRR1280-681K
680.0
± 10
26
0.796
1.7
1300.0
0.75
0.97
SRR1280-821K
820.0
± 10
20
0.796
1.4
1500.0
0.70
0.94
SRR1280-102K
1000.0
± 10
40
0.252
1.3
1700.0
0.68
0.80
SRR1280 Series - Shielded SMD Power Inductors
Features
Available in E12 values
Inductance as low as 1.1 µH
Current rating to 10.2 amps
Lead free
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
100
12.5 ± 0.3
(.492 ± .012)
12.5 ± 0.3
(.492 ± .012)
7.5 ± 0.5
(.295 ± .020)
5.0 ± 0.3
(.197 ± .012)
7.0
(.276)
TYP.
General Specifications
Test Voltage .....................................0.1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature .-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core ............................Ferrite DR and RI
Wire .............Enameled copper wire 130
Terminal.....................................Cu/Ni/Sn
Rated Current
....................Ind. drop 25 % typ. at Isat
Temperature Rise ..................40 °C max.
at rated Irms
Packaging ....................400 pcs. per reel
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
2.9
(.114)
REF.
2.9
(.114)
REF.
5.4
(.213)
REF.
6.8
(.268)
REF.


Similar Part No. - SRR1280-1R1Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1280-1R1Y BOURNS-SRR1280-1R1Y Datasheet
179Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRR1280-1R1Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com