Electronic Components Datasheet Search |
|
E32-TC200E Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
E32-TC200E Datasheet(HTML) 2 Page - Omron Electronics LLC |
2 / 64 page E3X E3X 2 Item Manual Sensitivity Adjustment Knob Protective Cover Application Makes adjustment possible without screwdriver. Water-resistance lost when used (enclosure rating reduced to IP50). Replacement part for cover supplied with Amplifier Unit. Model E39-G3 E39-G4 Appearance Amplifier Units Item Auto-tuning High-sensitivity Model E3X-T11 E3X-T21 E3X-H11 Appearance 59 12 32 Light source Red LED (660 nm) Power supply voltage 12 to 24 VDC +10%, ripple (p-p) 10% max. 10 to 30 VDC +10%, ripple (p-p) 10% max. Current consumption 50 mA max. 35 mA max. Response time 500 ms max. 1 m sec max. Control output 100 mA max. at 30 VDC, NPN open collector Timer function --- OFF-delay timer (fixed to 40 ms), switch selectable Self-diagnosis alarm output --- 50 mA max. at 30 VDC, open collector --- Variable hysteresis function --- 0% to 20% Tuning monitor function Indicator (red/green LED) and buzzer --- Remote tuning function/ Remote bank function --- When ON, short-circuit the blue and pink wires. (Short-circuit the blue and purple wires for remote bank selection.): Short-circuit voltage 3 V max., short-circuit current 5 mA min. When OFF, open the blue and pink wires: 9 V min. (input voltage: 24 V max.), response time 100 ms max. when OFF. --- Output method Light ON and Dark ON selector |
Similar Part No. - E32-TC200E |
|
Similar Description - E32-TC200E |