Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2J Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # ES2J
Description  CURRENT 2.0 Amperes VOLTAGE 50 to 400 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ES2J Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  ES2J Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ES2J Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
80
150
140
130
120
110
100
90
RESISTIVE OR INDUCTIVE LOAD
P.C.B. 0.2X0.2"(5.0X5.0mm)
COPPER PAD AREAS
0
1.6
1.2
0.8
0.4
2.4
2.0
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
10
50
0.1
0.01
1
1.2
0.4
0.6
1.4
1.0
0.8
1.8
1.6
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
TJ=25℃
PULSE WIDTH=300
mS
1% DUTY CYCLE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE.VOLTS
1
0.1
100
10
0
2
4
6
8
10
12
14
TJ=25℃
f=1.0MHz
Vsig=50mVp-P
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
T, PULSE DURATION ,sec.
0.1
100
10
1
10
1
100
MOUNTED ON
0.2X0.2"(5X7mm)
COPPER PAD AREAS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0
100
80
60
40
20
1000
10
1
0.1
0.01
100
TJ=25℃
TJ=75℃
TJ=125℃
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
100
10
0
10
15
20
25
30
5
8.3ms SINGLE HALF SINE WAVE
(JEDEC Method) at
TL=110℃
RATINGS AND CHARACTERISTIC CURVES ES2A THRU ES2J


Similar Part No. - ES2J

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
ES2J DACHANG-ES2J Datasheet
120Kb / 2P
   Surface Mount Super Fast Recover Rectifiers
logo
Jinan Gude Electronic D...
ES2J JGD-ES2J Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES2J SAMYANG-ES2J Datasheet
514Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
DIYI Electronic Technol...
ES2J DYELEC-ES2J Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
logo
Diotech Company.
ES2J DIOTECH-ES2J Datasheet
855Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ES2J

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SF301 DAESAN-SF301 Datasheet
315Kb / 2P
   CURRENT 30.0 Amperes VOLTAGE 50 to 400 Volts
ES3A DAESAN-ES3A Datasheet
336Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 400 Volts
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
UF201 DAESAN-UF201 Datasheet
283Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
SF21 DAESAN-SF21 Datasheet
315Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 600 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KB201 DAESAN-KB201 Datasheet
236Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBL201 DAESAN-KBL201 Datasheet
176Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP005 DAESAN-KBP005 Datasheet
234Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com