Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES3D Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # ES3D
Description  CURRENT 3.0 Amperes VOLTAGE 50 to 400 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ES3D Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  ES3D Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ES3D Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES3A THRU ES3J
Features
Mechanical Data
· For surface applications in order optimize board space
· Low profile package
· Built-in strain relief, ideal for automated placement
· Super fast recovery time
· Plastic package has Unerwrites Laboratory
Flammability Classification 94V-0
· Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
· Glass passivated chip junction
· High temperature soldering guaranteed: 250℃/10
seconds, at terminals
Maximum Ratings And Electrical Characteristics
· Case : JEDEC SMC(DO-214AB) molded plastic body
· Terminals : Plated axial lead solderable per
MIL-STD-750, method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.007 ounce, 0.25 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 3.0 Amperes
VOLTAGE 50 to 400 Volts
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
(3) Units mounted on P.C.B 0.31×0.31"(0.8×0.8mm) copper pad areas
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method) at TL=100℃
VDC
Maximum average forward rectified current
at TL=100℃
Maximum instantaneous forward voltage
at 3.0A
VRRM
Volts
Symbols
Units
0.95
VF
VRMS
3.0
Amps
Amps
100.0
IFSM
TJ
TSTG
500
-55 to +150
Volts
Maximum reverse
current at rated voltage
Typical thermal resistance (Note 3)
Operating junction and storage
temperature range
50
ES3A
35
50
10.0
12.0
Volts
μA
℃/W
I(AV)
IR
JL
TA=25℃
TA=100℃
100
ES3B
70
100
150
ES3C
105
150
200
ES3D
140
200
400
ES3G
280
400
600
ES3J
420
600
Typical junction capacitance (Note 2)
pF
45.0
CJ
47.0
JA
Maximum reverse recovery time (Note 1)
ns
35
Trr
1.25
350
30.0
Dimensions in inches and (millimeters)
0.124(3.15)
0.108(2.75)
0.245(6.22)
0.220(5.59)
0.012(0.31)
0.006(0.15)
0.280(7.11)
0.260(6.60)
0.103(2.62)
0.079(2.00)
0.050(1.27)
0.030(0.76)
0.008(0.203)
MAX.
0.320(8.13)
0.305(7.75)
DO-214AB (SMC)


Similar Part No. - ES3D

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
ES3D CHENDA-ES3D Datasheet
542Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
ES3D DIODES-ES3D Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
Shenzhen Yixinwei Techn...
ES3D YIXIN-ES3D Datasheet
208Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
SEMTECH ELECTRONICS LTD...
ES3D SEMTECH_ELEC-ES3D Datasheet
236Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Formosa MS
ES3D FORMOSA-ES3D Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ES3D

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SF301 DAESAN-SF301 Datasheet
315Kb / 2P
   CURRENT 30.0 Amperes VOLTAGE 50 to 400 Volts
ES2A DAESAN-ES2A Datasheet
340Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 400 Volts
SF31 DAESAN-SF31 Datasheet
302Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 600 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
RS3A DAESAN-RS3A Datasheet
328Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 800 Volts
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301 DAESAN-HER301 Datasheet
229Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
UF5400 DAESAN-UF5400 Datasheet
230Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
MR850G DAESAN-MR850G Datasheet
212Kb / 2P
   CURRENT 3.0 AMPERES VOLTAGE 50 TO 600 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com