Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES3J Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # ES3J
Description  CURRENT 3.0 Amperes VOLTAGE 50 to 400 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ES3J Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  ES3J Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ES3J Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
80
150
140
130
120
110
100
90
RESISTIVE OR INDUCTIVE LOAD
0.31X0.31"(8.0X8.0mm)
COPPER PAD AREAS
0
2.0
1.0
3.0
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
10
100
0.1
0.01
1
1.2
0.4
0.6
1.4
1.0
0.8
1.8
1.6
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
TJ=25℃
PULSE WIDTH=300
mS
1% DUTY CYCLE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE.VOLTS
1
0.1
100
0
75
90
105
30
60
15
45
TJ=25℃
f=1.0MHz
Vsig=50mVp-P
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
100
10
0
50
75
100
125
150
25
8.3ms SINGLE HALF SINE WAVE
(JEDEC Method) at
TL=120℃
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0
100
80
60
40
20
1000
10
1
0.1
0.01
100
TJ=25℃
TJ=75℃
TJ=125℃
RATINGS AND CHARACTERISTIC CURVES ES3A THRU ES3J


Similar Part No. - ES3J

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ES3J WEITRON-ES3J Datasheet
302Kb / 3P
   Surface Mount Super Fast Rectifiers
logo
Zibo Seno Electronic En...
ES3J ZSELEC-ES3J Datasheet
126Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
DONGGUAN YOU FENG WEI E...
ES3J YFWDIODE-ES3J Datasheet
405Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Taiwan Semiconductor Co...
ES3J TSC-ES3J Datasheet
229Kb / 2P
   3.0AMPS Surface Mount Super Fast Rectifiers
ES3J TSC-ES3J Datasheet
249Kb / 5P
   Surface Mount Super Fast Rectifiers
More results

Similar Description - ES3J

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SF301 DAESAN-SF301 Datasheet
315Kb / 2P
   CURRENT 30.0 Amperes VOLTAGE 50 to 400 Volts
ES2A DAESAN-ES2A Datasheet
340Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 400 Volts
SF31 DAESAN-SF31 Datasheet
302Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 600 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
RS3A DAESAN-RS3A Datasheet
328Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 800 Volts
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301 DAESAN-HER301 Datasheet
229Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
UF5400 DAESAN-UF5400 Datasheet
230Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
MR850G DAESAN-MR850G Datasheet
212Kb / 2P
   CURRENT 3.0 AMPERES VOLTAGE 50 TO 600 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com