Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-T24S Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E32-T24S
Description  Optical Fiber Photoelectric Sensor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-T24S Datasheet(HTML) 3 Page - Omron Electronics LLC

  E32-T24S Datasheet HTML 1Page - Omron Electronics LLC E32-T24S Datasheet HTML 2Page - Omron Electronics LLC E32-T24S Datasheet HTML 3Page - Omron Electronics LLC E32-T24S Datasheet HTML 4Page - Omron Electronics LLC E32-T24S Datasheet HTML 5Page - Omron Electronics LLC E32-T24S Datasheet HTML 6Page - Omron Electronics LLC E32-T24S Datasheet HTML 7Page - Omron Electronics LLC E32-T24S Datasheet HTML 8Page - Omron Electronics LLC E32-T24S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
E3X
E3X
3
Item
General-purpose
Shorter response
time
For mark sensing
Model
NPN
E3X-A11
E3X-A21
E3X-F21
E3X-VG11
E3X-VG21
PNP
E3X-A41
E3X-A51
E3X-F51
---
---
Appearance
Light source
Red (660 nm)
Green (565 nm)
Power supply voltage
10 to 30 VDC ripple (p-p)
10% max.
12 to 24 VDC +10%
ripple (p-p)
10% max.
10 to 30 VDC ripple (p-p) 10% max.
Current consumption
35 mA max.
40 mA max.
Response time
200 ms max.
ON: 20 ms max.
OFF: 30 ms max.
200 ms max.
Control output
100 mA, 30 VDC max., Open collector
Timer function
---
OFF-delay timer (0.01 to 0.1 s;
adjustable), Switch selectable
---
OFF-delay timer
(0.01 to 0.1 s;
adjustable),
Switch selectable
Self-diagnosis alarm output
---
50 mA, 30 VDC max.
Residual voltage: 1 VDC max.
---
50 mA, 30 VDC
max.
Residual voltage: 1
VDC max.
External
diagnosis input
Input voltage
---
Light OFF:
NPN: 1.5 V max; short current: 0.2 mA
max.
PNP:
±1.5 V max.; short current:
0.2 mA max.
Light ON:
NPN: Open; Light OFF: 3.5 V min.
(max. input: 5 V)
PNP: Open;
±3.5 VDC max.
(max. input: 5 V)
---
Light OFF: 1.5 V
max;
short current: 0.2 mA
max.
Light ON: Open;
3.5 V min. (max.
input: 5 V)
Response delay
400 ms
200 ms
400 ms


Similar Part No. - E32-T24S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-T24S OMRON-E32-T24S Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-T24S OMRON-E32-T24S Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
E32-T24S OMRON-E32-T24S Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
More results

Similar Description - E32-T24S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-N OMRON-E3X-N Datasheet
906Kb / 52P
   Teaching Optical Fiber Photoelectric Sensor
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
   Fine Tuning Fiber Photoelectric Sensor
E32S15105M OMRON-E32S15105M Datasheet
844Kb / 10P
   Optical Fiber Glossy Object Sensor
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com