Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY298 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # BY298
Description  CURRENT 2.0 Amperes VOLTAGE 100 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BY298 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  BY298 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BY298 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY296 THRU BY299S
Features
Mechanical Data
· Plastic package has Underwrites Laboratory Flammability
Classification 94V-0
· Fast switching speed
· Diffused junction
· High current capability
· High temperature soldering guaranteed : 250℃/10 seconds,
0.375"(9.5mm) lead length, 5 lbs.(2.3kg) tension.
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-201AD molded plastic body
· Terminals : Plated axial lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.041 ounce, 1.18 grams
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 2.0 Amperes
VOLTAGE 100 to 1000 Volts
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 10ms single half
sine-wave superimposed on rated load at
load at TA=25℃
VDC
Maximum average forward rectified current
R load at TA=50℃
Maximum instantaneous forward voltage
at 2.0A
VRRM
Volts
Symbols
Units
1.3
VF
VRMS
2.0
Amps
Amps
70.0
IFSM
TJ
TSTG
30
-65 to +150
Volts
Maximum DC reverse current at rated DC
blocking voltage TA=25℃
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Operating junction and storage
temperature range
100
BY296
70
100
10.0
Volts
μA
ns
pF
I(AV)
IR
Trr
16.0
CJ
200
BY297
140
200
400
BY298
280
400
800
BY299
560
800
1000
BY299S
700
1000
Max.thermal resistance
250
RθJA
℃/W
Dimensions in inches and (millimeters)
DO-201AD
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.375(9.5)
0.285(7.2)
0.042(1.1)
0.037(0.9)
DIA.
0.210(5.3)
0.188(4.8)
DIA.


Similar Part No. - BY298

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY298 PANJIT-BY298 Datasheet
62Kb / 2P
   SOFT RECOVERY PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 2.0 Amperes)
logo
Microdiode Electronics ...
BY298 CHENDA-BY298 Datasheet
533Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
BY298 BILIN-BY298 Datasheet
56Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Diotec Semiconductor
BY298 DIOTEC-BY298 Datasheet
91Kb / 2P
   Fast Silicon Rectifier Diodes ??Schnelle Silizium-Gleichrichterdioden
logo
Jinan Gude Electronic D...
BY298 JGD-BY298 Datasheet
141Kb / 2P
   2.0 AMPS. FAST RECOVRY RECTIFIERS
More results

Similar Description - BY298

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
UF201 DAESAN-UF201 Datasheet
283Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP201 DAESAN-KBP201 Datasheet
176Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KB201 DAESAN-KB201 Datasheet
236Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBL201 DAESAN-KBL201 Datasheet
176Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP005 DAESAN-KBP005 Datasheet
234Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
FR201G DAESAN-FR201G Datasheet
274Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RS201 DAESAN-RS201 Datasheet
255Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com