Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY399 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # BY399
Description  CURRENT 3.0 Amperes VOLTAGE 100 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BY399 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  BY399 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BY399 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1.2
0.4
0
0.8
1.6
VF INSTANTANEOUS FORWARD VOLTAGE DROP (V)
T
j=25℃
+VF-
IF
10
1
102
103
104
FIG.3-TYPICAL THERMAL IMPEDANCE
typ
ma
x
I,LEAD LENGTH (MM)
0
30
40
20
50
10
20
30
25
5
10
15
l
l
FIG.4-TYPICAL JUNCTION CAPACITANCE
VR REVERSE VOLTAGE (V)
1
T
j=25℃
f=1MHz
1000
100
10
12
10
4
2
8
6
20
18
16
14
30
28
26
24
22
0
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
C-Load
R-Load
10mm
10mm
TA, AMBIENT TEMPERATURE( ℃)
125
0
25
150
100
75
50
175
3
4
2.4
1
2
RATINGS AND CHARACTERISTIC CURVES BY396 THRU BY399S


Similar Part No. - BY399

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY399 PANJIT-BY399 Datasheet
60Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
Shanghai Shunye Electro...
BY399 SHUNYE-BY399 Datasheet
234Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Diotec Semiconductor
BY399 DIOTEC-BY399 Datasheet
58Kb / 2P
   Fast Si-Rectifiers - Schnelle Si-Gleichrichter
logo
EIC discrete Semiconduc...
BY399 EIC-BY399 Datasheet
56Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Transys Electronics
BY399 TRSYS-BY399 Datasheet
139Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - BY399

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301 DAESAN-HER301 Datasheet
229Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
UF5400 DAESAN-UF5400 Datasheet
230Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
1N5400 DAESAN-1N5400 Datasheet
213Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
S3A DAESAN-S3A Datasheet
336Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
KBL3005 DAESAN-KBL3005 Datasheet
227Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301G DAESAN-FR301G Datasheet
316Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
KBP301-KBP YFWDIODE-KBP301-KBP Datasheet
895Kb / 2P
   Voltage Range 50 to 1000 Volts Current 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com