Electronic Components Datasheet Search |
|
M38270E8-XXXGP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor |
|
M38270E8-XXXGP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor |
1 / 70 page 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 M38277M8MXXXFP SEG9 C2 VL2 VL3 COM0 COM1 COM2 VREF AVSS VCC SEG8 SEG0 SEG1 SEG2 SEG4 SEG5 SEG6 SEG7 SEG3 P72 P73 P71 P70/INT0 XCIN XCOUT XIN XOUT VSS P27 P26 P25 P24 P23 P21 P16 P22 P20 P17 RESET COM3 DESCRIPTION The 3827 group is the 8-bit microcomputer based on the 740 fam- ily core technology. The 3827 group has the LCD drive control circuit, the A-D/D-A converter, the UART, and the PWM as additional functions. The various microcomputers in the 3827 group include variations of internal memory size and packaging. For details, refer to the section on part numbering. For details on availability of microcomputers in the 3827 group, re- fer to the section on group expansion. FEATURES qBasic machine-language instructions ...................................... 71 qThe minimum instruction execution time ........................... 0.5 µs (at 8MHz oscillation frequency) qMemory size ROM ................................................................. 4 K to 60 K bytes RAM ................................................................. 192 to 2048 bytes qProgrammable input/output ports ............................................ 55 qOutput port ................................................................................. 8 qInput port .................................................................................... 1 qInterrupts ................................................. 17 sources, 16 vectors (includes key input interrupt) qTimers ........................................................... 8-bit ! 3, 16-bit ! 2 qSerial I/O1 .................... 8-bit ! 1 (UART or Clock-synchronized) qSerial I/O2 ...................................8-bit ! 1 (Clock-synchronized) qPWM output .................................................................... 8-bit ! 1 qA-D converter ............................................... 10-bit ! 8 channels qD-A converter ................................................. 8-bit ! 2 channels qLCD drive control circuit Bias ................................................................................... 1/2, 1/3 Duty ........................................................................... 1/2, 1/3, 1/4 Common output .......................................................................... 4 Segment output ........................................................................ 40 q2 Clock generating circuits (connect to external ceramic resonator or quartz-crystal oscillator) qWatchdog timer ............................................................ 14-bit ! 1 qPower source voltage ................................................ 2.2 to 5.5 V qPower dissipation In high-speed mode .......................................................... 40 mW (at 8 MHz oscillation frequency, at 5 V power source voltage) In low-speed mode ............................................................ 60 µW (at 32 kHz oscillation frequency, at 3 V power source voltage) qOperating temperature range ................................... – 20 to 85 °C APPLICATIONS Camera, wireless phone, etc. 3827 Group MITSUBISHI MICROCOMPUTERS SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Fig. 1 M38277M8MXXXFP pin configuration PIN CONFIGURATION (TOP VIEW) Package type : 100P6S-A (100-pin plastic-molded QFP) |
Similar Part No. - M38270E8-XXXGP |
|
Similar Description - M38270E8-XXXGP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |