Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR807 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # FR807
Description  CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

FR807 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  FR807 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. FR807 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES FR801 THRU FR807
trr
1cm
50
NONINDUCTIVE
10
NONINDUCTIVE
DUT
OSCILLOSCOPE
(NOTE 1 )
(+ )
50Vdc
(approx)
(-)
NOTES: 1 . RISE TIME = 7nsmax. INPUT
IMPEDANCE= 1 MEGOHM 22pf
2 . RISETIME = 10ns max.SOURSE
IMPEDANCE = 50ohmsf
+0.5A
-1.0A
SET TIME BASE FOR
5/ 10ns / cm
NONINDUCTIVE
PULSE
GENERATOR
( NOTE 2 )
-0.25A
0
FIG . -REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
1
FIG . 2- MAXIMUM FORWARD CURRENT DERATING CURVE
FIG . 5 -TYPICAL INSTANTANEOUS
FORWARD CARACTERISTICS
0
50
100
150
10
8
6
4
2
0
O
LEAD TEMPERATURE. ( C )
.6
.8
1.0 1.2 1.4
1.6 1.8 2.0
INSTANTANEOUS FORWARD VOLTAGE .( A)
400
200
100
40
20
10
1
2
4
0.1
0.2
0.4
1
2
5
10
20
50
1 00
150
125
100
75
50
25
0.1
0.5 1.0
5 10
50 100
500 1000
120
100
80
60
40
20
0
20
40
60
80
100 120 140
100
40
10
4
2
1.0
.4
.2
.1
PERCENT OF RATED PEAK REVERSE
VOLTAGE.( % )
REVERSE VOLTAGE . ( V)
FIG . 4 -TYPICAL HUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
FIG . 3 -MAXIMUM NON - REPETITIVE FORWARD
SURGE CURRENT
FIG . 6 -TYPICAL REVERSE CHARACTERISTICS
8.3ms Single Half Sine
Wave JEDEC Method
O
TC = 125 C
Pulse Width=300 s
1% Duty Cycle
O
Tj=25 C
O
Tj=125 C
O
Tj=75 C
O
Tj=25 C
O
Tj=25 C
f = 1.0MHz
Vsig = 50mVp-p


Similar Part No. - FR807

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
FR807 PACELEADER-FR807 Datasheet
176Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Goodwork Semiconductor ...
FR807 GWSEMI-FR807 Datasheet
71Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Nantong Hornby Electron...
FR807 HORNBY-FR807 Datasheet
273Kb / 3P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR807 RECTRON-FR807 Datasheet
103Kb / 5P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
2016-08 REV:A
logo
PACELEADER INDUSTRIAL
FR807F PACELEADER-FR807F Datasheet
278Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR807

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBU8A DAESAN-KBU8A Datasheet
181Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC8005 DAESAN-KBPC8005 Datasheet
178Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
FP801 DAESAN-FP801 Datasheet
321Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
logo
WILLAS ELECTRONIC CORP
BR805 WILLAS-BR805 Datasheet
267Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
RS801 WILLAS-RS801 Datasheet
996Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
logo
DAESAN ELECTRONIC CORP.
SFP81 DAESAN-SFP81 Datasheet
283Kb / 2P
   CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
HER801 DAESAN-HER801 Datasheet
304Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
SF81 DAESAN-SF81 Datasheet
324Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
HEP801 DAESAN-HEP801 Datasheet
256Kb / 2P
   CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
8A05 DAESAN-8A05 Datasheet
138Kb / 1P
   CURRENT 8.0 Amperes VOLTAGE 50 TO 100 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com