Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4420 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4420
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4420 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4420 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4420 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4420 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4420 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4420 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4420 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4420 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4420 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4420 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
[AK4420]
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
CN
I
Negative Charge Pump Capacitor Terminal Pin
Connect to CP with a 1.0
μF capacitor that should have the low ESR
(
Equivalent Series Resistance) over all temperature range. When this
capacitor has the polarity, the positive polarity pin should be connected to the
CP pin. Non polarity capacitors can also be used.
2
CP
I
Positive Charge Pump Capacitor Terminal Pin
Connect to CN with a 1.0
μF capacitor that should have the low ESR
(
Equivalent Series Resistance) over all temperature range. When this
capacitor has the polarity, the positive polarity pin should be connected to the
CP pin. Non polarity capacitors can also be used.
3
SMUTE
I
Soft Mute Enable Pin (Internal pull down: 100kΩ)
“H”: Enable, “L”: Disable
4
MCLK
I
Master Clock Input Pin
An external TTL clock should be input on this pin.
5
BICK
I
Audio Serial Data Clock Pin
6
SDTI
I
Audio Serial Data Input Pin
7
LRCK
I
L/R Clock Pin
8
DIF
I
Audio Data Interface Format Pin
“L”: Left Justified, “H”: I2S
9
AOUTR
O
Rch Analog Output Pin
When power down, outputs VSS(0V, typ).
10
AOUTL
O
Lch Analog Output Pin
When power down, outputs VSS(0V, typ).
11
VDD
-
DAC Power Supply Pin: 4.5V
∼5.5V
12
VSS1
-
Ground Pin1
13
DZF
O
Zero Input Detect Pin
14
CVDD
-
Charge Pump Power Supply Pin: 4.5V
∼5.5V
15
VSS2
-
Ground Pin2
16
VEE
O
Negative Voltage Output Pin
Connect to VSS2 with a 1.0
μF capacitor that should have the low ESR
(
Equivalent Series Resistance) over all temperature range. When this
capacitor has the polarity, the positive polarity pin should be connected to the
VSS2 pin. Non polarity capacitors can also be used.
Note: All input pins except for the CN pin should not be left floating.
MS0683-E-02
2007/12
- 3 -


Similar Part No. - AK4420

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4420 AKM-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Asahi Kasei Microsystem...
AK4420ET AKM-AK4420ET Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420VT AKM-AK4420VT Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AK4420

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4424 AKM-AK4424 Datasheet
336Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com