Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3876 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3876
Description  Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3876 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3876_00 Datasheet HTML 6Page - National Semiconductor (TI) LM3876_00 Datasheet HTML 7Page - National Semiconductor (TI) LM3876_00 Datasheet HTML 8Page - National Semiconductor (TI) LM3876_00 Datasheet HTML 9Page - National Semiconductor (TI) LM3876_00 Datasheet HTML 10Page - National Semiconductor (TI) LM3876_00 Datasheet HTML 11Page - National Semiconductor (TI) LM3876_00 Datasheet HTML 12Page - National Semiconductor (TI) LM3876_00 Datasheet HTML 13Page - National Semiconductor (TI) LM3876_00 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Typical Performance Characteristics (Continued)
Pulse Power Limit
Pulse Power Limit
01183223
01183224
Supply Current vs
Case Temperature
Pulse Response
01183225
01183226
Input Bias Current vs
Case Temperature
Clipping Voltage vs
Supply Voltage
01183227
01183228
www.national.com
10


Similar Part No. - LM3876_00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3876T NSC-LM3876T Datasheet
566Kb / 19P
   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3876T/NOPB TI1-LM3876T/NOPB Datasheet
937Kb / 29P
[Old version datasheet]   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
National Semiconductor ...
LM3876TF NSC-LM3876TF Datasheet
566Kb / 19P
   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3876TF/NOPB TI1-LM3876TF/NOPB Datasheet
937Kb / 29P
[Old version datasheet]   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
More results

Similar Description - LM3876_00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3876 TI1-LM3876 Datasheet
937Kb / 29P
[Old version datasheet]   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
National Semiconductor ...
LM3876 NSC-LM3876 Datasheet
566Kb / 19P
   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
LM3875 NSC-LM3875 Datasheet
1,001Kb / 20P
   OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
   Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3875 TI1-LM3875 Datasheet
835Kb / 29P
[Old version datasheet]   LM3875 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM3886T TI1-LM3886T Datasheet
1Mb / 31P
[Old version datasheet]   High-Performance 68W Audio Power Amplifier w/Mute
LM3886 TI1-LM3886 Datasheet
1Mb / 31P
[Old version datasheet]   LM3886 Overture Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
logo
National Semiconductor ...
LM3886 NSC-LM3886_03 Datasheet
846Kb / 24P
   Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM3886 NSC-LM3886 Datasheet
745Kb / 20P
   Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com