Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F002AFB Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS28F002AFB
Description  262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F002AFB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS28F002AFB Datasheet HTML 4Page - Texas Instruments TMS28F002AFB Datasheet HTML 5Page - Texas Instruments TMS28F002AFB Datasheet HTML 6Page - Texas Instruments TMS28F002AFB Datasheet HTML 7Page - Texas Instruments TMS28F002AFB Datasheet HTML 8Page - Texas Instruments TMS28F002AFB Datasheet HTML 9Page - Texas Instruments TMS28F002AFB Datasheet HTML 10Page - Texas Instruments TMS28F002AFB Datasheet HTML 11Page - Texas Instruments TMS28F002AFB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
TMS28F002Axy, TMS28F200Axy
262144 BY 8-BIT/131072 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS826D – JANUARY 1996 – REVISED SEPTEMBER 1997
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
parameter block
Two parameter blocks of 8K bytes each can be used like a scratch pad to store frequently updated data.
Alternatively, the parameter blocks can be used for additional boot-block or main-block data. If a parameter
block is used to store additional boot-block data, caution must be exercised because the parameter block does
not have the boot-block data-protection safety feature.
main block
Primary memory on the TMS28F200Axy is located in two main blocks. One of the blocks has storage capacity
for 128K bytes and the other block has storage capacity for 96K bytes.
data protection
Data is secured or unsecured by using different combinations of the reset / deep power-down pin (RP), the
write-protect pin (WP), and VPP supply levels. Table 2 shows a listing of these combinations.
There are two configurations to secure the entire memory against the inadvertent alteration of data. The VPP
supply pin can be held below the VPP lock-out voltage level (VPPLK) or the reset/deep power-down pin (RP) can
be pulled to a logic-low level. If RP is held low, the device resets—which means that it powers down, and
therefore, cannot be read. Typically this pin is tied to the system reset for additional protection during system
power up.
The boot-block sector has an additional security feature through the WP pin on the ’ASy, ’AEy, and ’AFy devices.
When the RP pin is at a logic-high level, the WP pin controls whether the boot-block sector is protected. When
WP is held at the logic-low level, the boot block is protected. When WP is held at the logic-high level, the boot
block is unprotected, along with the rest of the other sectors. Alternatively, the entire memory for all voltage
configurations can be unprotected by pulling the RP pin to VHH (12 V).
Table 2. Data-Protection Combinations
DATA-PROTECTION
’ASy, ’AEy, or ’AFy
’AMy or ’AZy
PROVIDED
VPP
RP
WP†
VPP
RP
WP†
All blocks locked
VIL
X
X
VIL
X
X
All blocks locked (reset)
X
VIL
X
X
VIL
X
All blocks unlocked
> VPPLK
VHH
VIH
X
VIH
VHH
VHH
X
Only boot block locked
> VPPLK
VIH
VIL
VHH
VIH
X
† For TMS28F200AZy and TMS28F200AMy (12-V VPP) products, the WP pin is disabled and can be left floating. To unlock blocks, RP must
be at VHH.
command-state machine (CSM)
Commands are issued to the CSM using standard microprocessor write timings. The CSM acts as an interface
between the external microprocessor and the internal write state machine (WSM). The available commands
are listed in Table 3 and the descriptions of these commands are listed in Table 4. When a program or erase
command is issued to the CSM, the WSM controls the internal sequences and the CSM only responds to status
reads. After the WSM completes its task, the write status bit (WSM) (SB7) is set to a logic-high level, allowing
the CSM to respond to the full command set again.
operation
Device operations are selected by entering standard JEDEC 8-bit command codes with conventional
microprocessor timing into an on-chip CSM through I/O pins DQ0 – DQ7. When the device is powered up,
internal reset circuitry initializes the chip to a read-array mode of operation. Changing the mode of operation
requires that a command code be entered into the CSM. Table 3 lists the CSM codes for all modes of operation.


Similar Part No. - TMS28F002AFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F002AEB TI1-TMS28F002AEB Datasheet
1Mb / 79P
[Old version datasheet]   AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F002AFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F004AXY TI-TMS28F004AXY Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
[Old version datasheet]   8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS28F1600 TI1-TMS28F1600 Datasheet
616Kb / 44P
[Old version datasheet]   16M-BIT (1M BY 16, 2M BY 8) CONCURRENT OPERATIONS AUTO-SELECT BOOT-BLOCK FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com