Electronic Components Datasheet Search |
|
TMS28F002ASB60BDCDL Datasheet(PDF) 10 Page - Texas Instruments |
|
TMS28F002ASB60BDCDL Datasheet(HTML) 10 Page - Texas Instruments |
10 / 79 page TMS28F002Axy, TMS28F200Axy 262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES SMJS826D – JANUARY 1996 – REVISED SEPTEMBER 1997 10 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 command definition (continued) Table 4. Command Definitions BUS FIRST BUS CYCLE SECOND BUS CYCLE COMMAND CYCLES REQUIRED OPERATION ADDRESS CSM INPUT OPERATION ADDRESS DATA IN / OUT Read Operations Read Array 1 Write X FFh Read X Data Out Read Algorithm-Selection Code 2 Write X 90h Read A0 M/D Read Status Register 2 Write X 70h Read X SRB Clear Status Register 1 Write X 50h Program Mode Program Setup / Program (byte / word) 2 Write PA 40h or 10h Write PA PD Erase Operations Block-Erase Setup/ Block-Erase Confirm 2 Write BEA 20h Write BEA D0h Erase-Suspend/ Erase-Resume 2 Write X B0h Write X D0h Legend: BEA Block-erase address. Any address selected within a block selects that block for erase. M / D Manufacturer-equivalent/ device-equivalent code PA Address to be programmed PD Data to be programmed at PA SRB Status-register data byte that can be found on DQ0 – DQ7 X Don’t care status register The status register allows determination of whether the state of a program/erase operation is pending or complete. The status register is monitored by writing a read-status command to the CSM and reading the resulting status code on I/O pins DQ0 – DQ7. This is valid for operation in either the byte-wide or word-wide mode. When writing to the CSM in word-wide mode, the high-order I/O pins (DQ8 – DQ15) can be set to any valid 2-state level. When reading the status bits during a word-wide read operation, the high-order I/Os (DQ8 – DQ15) are set to 00h internally, so the user needs to interpret only the low-order I/O pins (D0 – DQ7). After a read-status command has been given, the data appearing on DQ0 – DQ7 remains as status register data until a new command is issued to the CSM. To return the device to other modes of operation, a new command must be issued to the CSM. Register data is updated on the falling edge of G or E. The latest falling edge of either of these two signals updates the latch within a given read cycle. Latching the data prevents errors from occurring should the register input change during a status-register read. To ensure that the status-register output contains updated status data, E or G must be toggled for each subsequent status read. The status register provides the internal state of the WSM to the external microprocessor. During periods when the WSM is active, the status register can be polled to determine the WSM status. Table 5 defines the status-register bits and their functions. |
Similar Part No. - TMS28F002ASB60BDCDL |
|
Similar Description - TMS28F002ASB60BDCDL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |