Electronic Components Datasheet Search |
|
A7AS-207 Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
A7AS-207 Datasheet(HTML) 2 Page - Omron Electronics LLC |
2 / 4 page A7AS A7AS 2 Characteristics Switching capacity 1 mA to 0.1 A 50 VAC/28 VDC (resistive load) Carry current 1 A (max.) Contact resistance 200 m Ω max. Insulation resistance 10 M Ω min. (at 500 VDC) between nonconnected terminals 1,000 M Ω min. (at 500 VDC) between each terminal and noncurrent-carrying part Dielectric strength 600 VAC, 50/60 Hz for 1 minute between nonconnected terminals 1,000 VAC, 50/60 Hz for 1 minute between each terminal and noncurrent-carrying part Operating force 400 g max. Vibration 10 to 55 Hz, 1.5 mm double amplitude Shock 500 m/s2 (approx. 50 G) Ambient temperature Operating -40o to 85oC Storage -40o to 85oC Humidity 85% RH max. Service life Mechanical 1,000,000 operations (steps) min. Electrical 50,000 operations (steps) min. Weight (per unit) Approx. 7.6 g Unit: mm (inch) s SWITCH UNITS A7AS-203(-1), A7AS-206(-1) A7AS-207(-1), A7AS-219(-1) A7AS-222(-1) Dimensions No. of A B C units (n) (8n + 11) (8n + 8) (B + 1) 1 19 (0.75) 16 (0.63) 17 (0.67) 2 27 (1.06) 24 (0.94) 25 (0.98) 3 35 (1.38) 32 (1.26) 33 (1.30) 4 43 (1.69) 40 (1.57) 41 (1.66) 5 51 ± 0.8 48 ± 0.8 49 (1.93) (2 ± 0.03) (1.89 ± 0.03) 6 59 ± 0.8 56 ± 0.8 57 (2.24) (2.32 ± 0.03) (2.20 ± 0.03) 7 67 ± 0.8 64 ± 0.8 65 (2.56) (2.64 ± 0.03) (2.52 ± 0.03) 8 75 ± 0.8 72 ± 0.8 73 (2.87) (2.95 ± 0.03) (2.83 ± 0.03) 9 83 ± 0.8 80 ± 0.8 81 (3.19) (3.27 ± 0.03) (3.15) 10 91 ± 0.8 88 ± 0.8 89 (3.50) (3.58 ± 0.03) (3.46 ± 0.03) Panel cutout Note: Data shown are of initial value. Note: 1. Unless otherwise specified, a tolerance of ± 0.4 mm applies to all dimensions. 2. Each model number applies to a single switch unit and not to the switch assembly as shown in the drawings. Note: Dimension * is 41.5 (1.63) for the switch with output code “03” or “06,” and 53.5 (2.11) for the switch with output code “07” or “19.” |
Similar Part No. - A7AS-207 |
|
Similar Description - A7AS-207 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |