Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3036P Datasheet(PDF) 5 Page - Vishay Siliconix

Part # K3036P
Description  Optocoupler, Phototriac Output, 400 V VDRM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3036P Datasheet(HTML) 5 Page - Vishay Siliconix

  K3036P Datasheet HTML 1Page - Vishay Siliconix K3036P Datasheet HTML 2Page - Vishay Siliconix K3036P Datasheet HTML 3Page - Vishay Siliconix K3036P Datasheet HTML 4Page - Vishay Siliconix K3036P Datasheet HTML 5Page - Vishay Siliconix K3036P Datasheet HTML 6Page - Vishay Siliconix K3036P Datasheet HTML 7Page - Vishay Siliconix K3036P Datasheet HTML 8Page - Vishay Siliconix K3036P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
K3020P/ K3020PG Series
Document Number 83505
Rev. 1.9, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Maximum Safety Ratings
(according to DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-5-5 pending) see figure 1
This optocoupler is suitable for safe electrical isolation only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Input
Output
Coupler
Insulation Rated Parameters
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward current
IF
130
mA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Power dissipation
Pdiss
600
mW
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Rated impulse voltage
VIOTM
6kV
Safety temperature
Tsi
150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Partial discharge test voltage -
Routine test
100 %, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltage -
Lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 5)
VIOTM
6kV
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Figure 4. Derating diagram
0
75
150
225
300
375
450
525
600
675
0
25
50
75
100
125
150
Tamb(°C )
95 10925
Psi (mW)
Isi (mA)
Figure 5. Test pulse diagram for sample test according to DIN EN
60747-5-2(VDE0884)/ DIN EN 60747-; IEC60747
t
13930
t1, t2 = 1 to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
VPd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2


Similar Part No. - K3036P

ManufacturerPart #DatasheetDescription
logo
StarHope
K30 SPSEMI-K30 Datasheet
1Mb / 3P
   Radial leaded Devices
logo
Banner Engineering Corp...
K30 BANNER-K30 Datasheet
459Kb / 5P
   EZ-LIGHT짰 Touch Gen 2 K30 FDA-Grade Series Illuminated Multipurpose Buttons
K30 BANNER-K30 Datasheet
219Kb / 4P
   EZ-LIGHT짰 K30 Series Pick-to-Light Sensors
K30 BANNER-K30 Datasheet
325Kb / 4P
   EZ-LIGHT짰 Touch Gen 2 K30 FDA-Grade Pick-to-Light
K30 BANNER-K30 Datasheet
326Kb / 4P
   EZ-LIGHT짰 Touch Gen 2 K30 FDA-Grade Illuminated Buttons
More results

Similar Description - K3036P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
VO3021 VISHAY-VO3021_V01 Datasheet
203Kb / 11P
   Optocoupler, Phototriac Output, 400 VDRM
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
VO3020 VISHAY-VO3020_18 Datasheet
219Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.3, 07-Mar-18
BRT11 VISHAY-BRT11_08 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
BRT11 VISHAY-BRT11 Datasheet
354Kb / 7P
   Optocoupler, Phototriac Output
Rev. 1.4, 26-Apr-04
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
   Optocoupler with Phototriac Output
Rev. A4, 13-Sep-99
K3020P VISHAY-K3020P Datasheet
146Kb / 9P
   Optocoupler with Phototriac Output
Rev. A5, 13-Sep-99
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com