Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT5211M Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # MCT5211M
Description  Low Input Current Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT5211M Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button MCT5211M Datasheet HTML 4Page - Fairchild Semiconductor MCT5211M Datasheet HTML 5Page - Fairchild Semiconductor MCT5211M Datasheet HTML 6Page - Fairchild Semiconductor MCT5211M Datasheet HTML 7Page - Fairchild Semiconductor MCT5211M Datasheet HTML 8Page - Fairchild Semiconductor MCT5211M Datasheet HTML 9Page - Fairchild Semiconductor MCT5211M Datasheet HTML 10Page - Fairchild Semiconductor MCT5211M Datasheet HTML 11Page - Fairchild Semiconductor MCT5211M Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT5201M, MCT5210M, MCT5211M Rev. 1.0.1
10
Ordering Information
Marking Information
Option
Order Entry Identifier
(Example)
Description
No suffix
MCT5201M
Standard Through Hole Device (50 units per tube)
S
MCT5201SM
Surface Mount Lead Bend
SR2
MCT5201SR2M
Surface Mount; Tape and Reel (1,000 units per reel)
T
MCT5201TM
0.4" Lead Spacing
V
MCT5201VM
IEC60747-5-2
TV
MCT5201TVM
IEC60747-5-2, 0.4" Lead Spacing
SV
MCT5201SVM
IEC60747-5-2, Surface Mount
SR2V
MCT5201SR2VM
IEC60747-5-2, Surface Mount, Tape and Reel (1,000 units per reel)
*Note – Parts that do not have the ‘V’ option (see definition 3 above) that are marked with
date code ‘325’ or earlier are marked in portrait format.
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code, e.g., ‘7’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
MCT5201
V
X YY Q
1
2
6
4
3
5


Similar Part No. - MCT5211M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5211M FAIRCHILD-MCT5211M Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
More results

Similar Description - MCT5211M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA1 FAIRCHILD-H11AA1 Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA4M FAIRCHILD-H11AA4M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
H11AA1-M FAIRCHILD-H11AA1-M Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Diodes Incorporated
MOCD217R2M DIODES-MOCD217R2M Datasheet
2Mb / 10P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers (Low Input Current)
logo
Fairchild Semiconductor
MOCD217-M FAIRCHILD-MOCD217-M_05 Datasheet
113Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS (LOW INPUT CURRENT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com