Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75240PWLE Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75240PWLE
Description  USB PORT TRANSIENT SUPPERSSORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75240PWLE Datasheet(HTML) 2 Page - Texas Instruments

  SN75240PWLE Datasheet HTML 1Page - Texas Instruments SN75240PWLE Datasheet HTML 2Page - Texas Instruments SN75240PWLE Datasheet HTML 3Page - Texas Instruments SN75240PWLE Datasheet HTML 4Page - Texas Instruments SN75240PWLE Datasheet HTML 5Page - Texas Instruments SN75240PWLE Datasheet HTML 6Page - Texas Instruments SN75240PWLE Datasheet HTML 7Page - Texas Instruments SN75240PWLE Datasheet HTML 8Page - Texas Instruments SN75240PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN65220
SN65240
SN75240
SLLS266F − FEBRUARY 1997 − REVISED JULY 2004
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
IEC1000-4-2 COMPLIANCE LEVEL
IEC1000-4-2
MAXIMUM TEST VOLTAGE
IEC1000-4-2
COMPLIANCE
LEVEL
CONTACT
DISCHARGE
(kV)
AIR
DISCHARGE
(kV)
1
2
2
2
4
4
3
6
8
4
8
15
PACKAGE/ORDERING INFORMATION
PRODUCT
SUPRESSORS
TA
PACKAGE
PACKAGE
DESIGNATOR
MARKED
AS
ORDER NUMBER
WCSP−4
YZB
NWP or
SN65220YZBR (Reel)
SN65220
1
−40
°C to 85°C
WCSP−4
YZB
NWP or
65220
SN65220YZBT (Mini Reel)
SN65220
1
−40
°C to 85°C
SOT23−6
DBV
SADI
SN65220DBVR (Reel)
SOT23−6
DBV
SADI
SN65220DBVT (Mini Reel)
DIP−8
P
SN65240P (Rail)
SN65240
2
−40
°C to 85°C
TSSOP−8
PW
A65240
SN65240PW (Rail)
SN65240
2
−40 C to 85 C
TSSOP−8
PW
A65240
SN65240PWR (Reel)
DIP−8
P
SN75240P (Rail)
SN75240
2
0
°C to 70°C
TSSOP−8
PW
A75240
SN75240PW (Rail)
SN75240
2
0 C to 70 C
TSSOP−8
PW
A75240
SN75240PWR (Reel)
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Continuous power dissipation
See Dissipation Rating Table
Electrostatic discharge
15 kV(2), 2 kV(3)
Peak power dissipation, PD(peak)
60 W
Peak forward surge current, IFSM
3 A
Peak reverse surge current, IRSM
−9 A
Storage temperature range, Tstg
−65
°C to 150°C
(1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is
not implied.
(2) Human Body Model − Tested in accordance with JEDEC Standard 22, Test Method A114−A.
(3) Charged Device Model − Tested in accordance with JEDEC Standard 22, Test Method C101.


Similar Part No. - SN75240PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75240PWLE TI-SN75240PWLE Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN75240PWLE TI-SN75240PWLE Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
More results

Similar Description - SN75240PWLE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCT316LD SECOS-SCT316LD Datasheet
175Kb / 3P
   300W Transient Voltage Supperssors Array
logo
Texas Instruments
SN65220 TI-SN65220_06 Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
logo
TECH PUBLIC Electronics...
TPSN65220DBVR TECHPUBLIC-TPSN65220DBVR Datasheet
1Mb / 4P
   USB PORT TRANSIENT SUPPRESSORS
logo
Texas Instruments
SN65220 TI-SN65220 Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65220-Q1 TI-SN65220-Q1 Datasheet
132Kb / 5P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
logo
Coolgear Inc.
USB2-4COM-M COOLGEAR-USB2-4COM-M Datasheet
122Kb / 2P
   USB 2.0 4-Port USB Serial DB
logo
ON Semiconductor
PACUSBD ONSEMI-PACUSBD Datasheet
392Kb / 8P
   USB Downstream Port Terminator
October, 2011 ??Rev. 3
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
   FireLink USB Dual Controller Quad Port USB
MCS7784 ETC1-MCS7784 Datasheet
247Kb / 2P
   USB to IrDa Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com