Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP22PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP22PWR
Description  2x2 LVDS CROSSPOINT SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP22PWR Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVCP22PWR Datasheet HTML 1Page - Texas Instruments SN65LVCP22PWR Datasheet HTML 2Page - Texas Instruments SN65LVCP22PWR Datasheet HTML 3Page - Texas Instruments SN65LVCP22PWR Datasheet HTML 4Page - Texas Instruments SN65LVCP22PWR Datasheet HTML 5Page - Texas Instruments SN65LVCP22PWR Datasheet HTML 6Page - Texas Instruments SN65LVCP22PWR Datasheet HTML 7Page - Texas Instruments SN65LVCP22PWR Datasheet HTML 8Page - Texas Instruments SN65LVCP22PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
Horizontal Scale = 300 ps
OUTPUTS OPERATING SIMULTANEOUSLY
1 Gbps
223 -1 PRBS
VCC = 3.3 V
|VID| = 200 mV, VIC = 1.2 V
Vertical Scale = 200 mV/div
500 MHz
OUTPUT 1
OUTPUT 2
SN65LVCP22
SLLS553B – NOVEMBER 2002 – REVISED JUNE 2003
2x2 LVDS CROSSPOINT SWITCH
High Speed (>1000 Mbps) Upgrade for
The
SN65LVCP22
is
a
2
×2 crosspoint switch
DS90CP22 2x2 LVDS Crosspoint Switch
providing greater than 1000 Mbps operation for each
path.
The
dual
channels
incorporate
wide
LVPECL Crosspoint Switch Available in
common-mode (0 V to 4 V) receivers, allowing for the
SN65LVCP23
receipt of LVDS, LVPECL, and CML signals. The
Low-Jitter Fully Differential Data Path
dual outputs are LVDS drivers to provide low-power,
50 ps (Typ), of Peak-to-Peak Jitter With PRBS
low-EMI, high-speed operation. The SN65LVCP22
= 223–1 Pattern
provides a single device supporting 2:2 buffering
(repeating),
1:2
splitting,
2:1
multiplexing,
2
×2
Less Than 200 mW (Typ), 300 mW (Max) Total
switching,
and
LVPECL/CML
to
LVDS
level
Power Dissipation
translation on each channel. The flexible operation of
Output (Channel-to-Channel) Skew Is 10 ps
the SN65LVCP22 provides a single device to support
(Typ), 50 ps (Max)
the redundant serial bus transmission needs (working
and protection switching cards) of fault-tolerant switch
Configurable as 2:1 Mux, 1:2 Demux, Repeater
systems
found
in
optical
networking,
wireless
or 1:2 Signal Splitter
infrastructure, and data commu- nications systems. TI
Inputs Accept LVDS, LVPECL, and CML
offers
additional
gigibit
repeater/
translator
and
Signals
crosspoint
products
in
the
SN65LVDS100
and
Fast Switch Time of 1.7 ns (Typ)
SN65LVDS122.
Fast Propagation Delay of 0.65 ns (Typ)
The SN65LVCP22 uses a fully differential data path
16 Lead SOIC and TSSOP Packages
to ensure low-noise generation, fast switching times,
low pulse width distortion, and low jitter. Output
Inter-Operates With TIA/EIA-644-A LVDS
channel-to- channel skew is less than 10 ps (typ) and
Standard
50 ps (max) to ensure accurate alignment of outputs
Operating Temperature: –40
°C to 85°C
in all applications. Both SOIC and TSSOP package
options are available to allow easy upgrade for
existing solutions, and board area savings where
space is critical.
Base Stations
Add/Drop Muxes
Protection Switching for Serial Backplanes
Network Switches/Routers
Optical Networking Line Cards/Switches
Clock Distribution
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2003, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVCP22PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP22PWR TI-SN65LVCP22PWR Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVCP22PWRG4 TI-SN65LVCP22PWRG4 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP22PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Pericom Semiconductor C...
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com