Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48CA0-3 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT48CA0-3
Description  Remote Type 8-Bit MCU
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CA0-3 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT48CA0-3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48CA0-3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48CA0-3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48CA0-3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48CA0-3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48CA0-3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CA0-3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CA0-3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48CA0-3 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
HT48RA0-3/HT48CA0-3
Rev.1.10
6
October 12, 2007
Indirect Addressing Register
Location 00H is an indirect addressing register that is
not physically implemented. Any read/write operation to
[00H] accesses the data memory pointed to by MP
(01H). Reading location 00H itself indirectly will return
the result 00H. Writing indirectly results in no operation.
The memory pointer register MP (01H) is a 7-bit register.
Bit 7 of MP is undefined and reading will return the result
²1². Any writing operation to MP will only transfer the
lower 7-bits of data to MP.
Accumulator
The accumulator closely relates to ALU operations. It is
also mapped to location 05H of the data memory and is
capable of carrying out immediate data operations. Data
movement between two data memory locations has to
pass through the accumulator.
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic operation.
The ALU provides the following functions.
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of a data operation but
also changes the contents of the status register.
Status Register
- STATUS
This 8-bit status register (0AH) contains the zero flag
(Z), carry flag (C), auxiliary carry flag (AC), overflow flag
(OV), power down flag (PDF) and watchdog time-out
flag (TO). It also records the status information and con-
trols the operation sequence.
S p e c i a l P u r p o s e
D a t a M e m o r y
I A R
M P
A C C
P C L
T B L P
T B L H
S T A T U S
P A
P B
T S R 0
T S R 1
C A R L 0
C A R L 1
C A R H 0
C A R H 1
G e n e r a l P u r p o s e
D a t a M e m o r y
( 3 2 B y t e s )
: U n u s e d
R e a d a s " 0 0 "
2 0 H
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
3 F H
RAM Mapping
Bit No.
Label
Function
0C
C is set if the operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a ro-
tate through carry instruction.
1AC
AC is set if the operation results in a carry out of the low nibbles in addition or no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared.
3OV
OV is set if the operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
4
PDF
PDF is cleared when either a system power-up or executing the CLR WDT instruction. PDF
is set by executing the HALT instruction.
5TO
TO is cleared by a system power-up or executing the CLR WDT or HALT instruction. TO is
set by a WDT time-out.
6~7
¾
Unused bit, read as
²0²
Status (0AH) Register


Similar Part No. - HT48CA0-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA0-1 HOLTEK-HT48CA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA0-2 HOLTEK-HT48CA0-2 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
More results

Similar Description - HT48CA0-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0A HOLTEK-HT48RA0A Datasheet
238Kb / 31P
   8-Bit Remote Type MCU
HT48RA5 HOLTEK-HT48RA5_07 Datasheet
281Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0 HOLTEK-HT48RA0 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
HT48RA3 HOLTEK-HT48RA3_07 Datasheet
274Kb / 38P
   Remote Type 8-Bit MCU
HT48RA5 HOLTEK-HT48RA5 Datasheet
296Kb / 39P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com