Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB140 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SB140
Description  CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SB140 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SB140 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SB140 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB120 THRU SB1100
CURRENT 1.0Ampere
VOLTAGE 20 to 100 Volts
Maximum Ratings and Electrical Characteristics
Notes:
(1) Pulse test: 300μS pulse width, 1% duty cycle
(2) Thermal resistance from junction to ambient P.C.B. mounted, with 1.5X1.5"(38X38mm) copper pads
(3) Measured 1.0MHz and reverse voltage of 4.0 volts
(Ratings at 25℃ ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive
load. For capacitive load, derate by 20%)
Features
Mechanical Data
· Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
· Metal silicon junction, majority carrier conduction
· Guard ring for overvoltage protection
· Low power loss, high efficiency
· High current capability, Low forward voltage drop
· High surge capability
· For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
· High temperature soldering guaranteed :
250℃/10 seconds at terminals,
0.375" (9.5mm) lead length, 5lbs. (2.3Kg) tension
· Case : JEDEC DO-41 molded plastic body
· Terminals : Plated axial leads, solderable per
MIL-STD-750, Method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.012 ounce, 0.33 gram
Symbols
SB120
SB140
Units
Maximum repetitive peak reverse voltage
VRRM
20
30
40
Volts
Maximum RMS voltage
VRMS
0.55
0.70
0.75
Maximum DC blocking voltage
VDC
Volts
Maximum average forward rectified
current 0.375"(9.5mm) lead length(see Fig. 1)
I(AV)
1.0
Amp
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
40.0
Amps
Maximum instantaneous forward voltage
at 1.0A (Note 1)
VF
0.5
Volts
TA=25℃
10
Maximum instantaneous reverse
current at rated DC blocking
voltage (Note1)
TA=100℃
110
mA
Typical thermal resistance (Note 2)
50.0
℃/W
Operating junction temperature range
-65 to +125
IR
IFSM
JA
TJ
Volts
SB130
CJ
14
21
28
20
30
40
P
F
Typical junction capacitance (Note 3)
Storage temperature range
TSTG
-65 to +150
-65 to +150
0.83
SB150
SB180
50
60
80
SB160
35
42
56
50
60
80
SB1100
100
70
100
JL
15.0
Dimensions in inches and (millimeters)
DO-41
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.205(5.2)
0.166(4.2)
0.034(0.9)
0.028(0.7)
DIA.
0.107(2.7)
0.080(2.0)
DIA.


Similar Part No. - SB140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB140 VISHAY-SB140 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 16-Oct-09
logo
Pan Jit International I...
SB140 PANJIT-SB140 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Microdiode Electronics ...
SB140 CHENDA-SB140 Datasheet
586Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB140 VISHAY-SB140 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
SynSemi, Inc.
SB140 SYNSEMI-SB140 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
More results

Similar Description - SB140

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SR102 DAESAN-SR102 Datasheet
356Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SS12 DAESAN-SS12 Datasheet
255Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SK12 DAESAN-SK12 Datasheet
311Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
1N5817 DAESAN-1N5817 Datasheet
338Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
1N17 DAESAN-1N17 Datasheet
341Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
1S20 DAESAN-1S20 Datasheet
350Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
logo
Gaomi Xinghe Electronic...
SR130SF GXELECTRONICS-SR130SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR140SF GXELECTRONICS-SR140SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR120SF GXELECTRONICS-SR120SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR1100SF GXELECTRONICS-SR1100SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com