Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB280 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SB280
Description  CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SB280 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SB280 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SB280 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
0
2.0
1.5
1.0
0.5
RESISTIVE OR INDUCTIVE LOAD
℃ board mounted on 5.0mm
COPPER LAND AREAS
50
120
110
100
90
80
70
60
150
140
130
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
50
10
1
0.1
SB220-SB240
TJ=25℃
PULSE WIDTH=300
1% DUTY CYCLE
2
9
8
7
6
5
4
3
10
11
SB280-SB2100
SB250-SB260
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE.VOLTS
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
10
500
100
0
50
0.1
100
10
1
20
4
0.4
──
SB220-SB240
- - - SB250-SB2100
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
30
20
10
50
40
1
100
10
80
60
20
40
8
6
4
2
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0.001
10
1.0
0.1
0.01
TJ=100℃
TJ=75℃
TJ=25℃
──
SB220-SB240
- - - SB250-SB2100
0
100
80
60
40
20
140
120
RATINGS AND CHARACTERISTIC CURVES SB220 THRU SB2100


Similar Part No. - SB280

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SB280 BILIN-SB280 Datasheet
281Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB280 PANJIT-SB280 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
First Silicon Co., Ltd
SB280 FS-SB280 Datasheet
125Kb / 2P
   Schottky Rectifier
logo
Compact Technology Corp...
SB280 CTC-SB280 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-41)
logo
Formosa MS
SB280 FORMOSA-SB280 Datasheet
160Kb / 6P
   Axial Leaded Schottky Barrier Rectifier
More results

Similar Description - SB280

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SK22 DAESAN-SK22 Datasheet
261Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SR202 DAESAN-SR202 Datasheet
349Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SS22 DAESAN-SS22 Datasheet
310Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
RL201G DAESAN-RL201G Datasheet
316Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 50 to 1000 Volts
SBP820 DAESAN-SBP820 Datasheet
381Kb / 2P
   CURRENT 8.0Amperes VOLTAGE 20 to 100 Volts
SB120 DAESAN-SB120 Datasheet
356Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SK52 DAESAN-SK52 Datasheet
320Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
SR502 DAESAN-SR502 Datasheet
346Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
SBP1620 DAESAN-SBP1620 Datasheet
375Kb / 2P
   CURRENT 16.0Amperes VOLTAGE 20 to 100 Volts
SBR1620 DAESAN-SBR1620 Datasheet
374Kb / 2P
   CURRENT 16.0Amperes VOLTAGE 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com