Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA33 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SA33
Description  POWER 500Watts VOLTAGE 5.0 to 170 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SA33 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SA33 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SA33 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SA33 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SA33 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. SA33 Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. SA33 Datasheet HTML 6Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTIC at (TA=25℃ unless other specified)
B reakdown Voltage
Maximum
Maximum
Maximum
Maximum
V (B R ) at I T (1)
Tes t
S tand-off
R evers e
Peak P uls e
C lamping
Temperature
(V )
C urrent
Voltage
L eakage
C urrent
Voltage at
C oefficient
IT
V WM
at V WM
IPPM(2)
IPPM
of V (B R )
Device Type
MIN
MA X
(mA )
(V )
ID (3) (
µA)
(A )
V C (V)
(mV /
oC )
S A5.0 (C )
6.40
7.30
10
5.0
600
52.1
9.6
5.0
S A5.0 (C )A(4)
6.40
7.07
10
5.0
600
54.3
9.2
5.0
S A6.0 (C )
6.67
8.15
10
6.0
600
43.9
11.4
5.0
S A6.0 (C )A
6.67
7.37
10
6.0
600
48.5
10.3
5.0
S A6.5 (C )
7.22
8.82
10
6.5
400
40.7
12.3
5.0
S A6.5 (C )A
7.22
7.98
10
6.5
400
44.7
11.2
5.0
S A7.0 (C )
7.78
9.51
10
7.0
150
37.6
13.3
6.0
S A7.0 (C )A
7.78
8.60
10
7.0
150
41.7
12.0
6.0
S A7.5 (C )
8.33
10.2
1.0
7.5
50
35.0
14.3
7.0
S A7.5 (C )A
8.33
9.21
1.0
7.5
50
38.8
12.9
7.0
S A8.0 (C )
8.89
10.9
1.0
8.0
25
33.3
15.0
7.0
S A8.0 (C )A
8.89
9.83
1.0
8.0
25
36.8
13.6
7.0
S A8.5 (C )
9.44
11.5
1.0
8.5
10
31.4
15.9
8.0
S A8.5 (C )A
9.44
10.4
1.0
8.5
10
34.7
14.4
8.0
S A9.0 (C )
10.0
12.2
1.0
9.0
5.0
29.6
16.9
9.0
S A9.0 (C )A
10.0
11.1
1.0
9.0
5.0
32.5
15.4
9.0
S A10 (C )
11.1
13.6
1.0
10.0
1.0
26.6
18.8
10.0
S A10 (C )A
11.1
12.3
1.0
10.0
1.0
29.4
17.0
10.0
S A11 (C )
12.2
14.9
1.0
11.0
1.0
24.9
20.1
11.0
S A11 (C )A
12.2
13.5
1.0
11.0
1.0
27.5
18.2
11.0
S A12 (C )
13.3
16.3
1.0
12.0
1.0
22.7
22.0
12.0
S A12 (C )A
13.3
14.7
1.0
12.0
1.0
25.1
19.9
12.0
S A13 (C )
14.4
17.6
1.0
13.0
1.0
21.0
23.8
13.0
S A13 (C )A
14.4
15.9
1.0
13.0
1.0
23.3
21.5
13.0
S A14 (C )
15.6
19.1
1.0
14.0
1.0
19.4
25.8
14.0
S A14 (C )A
15.6
17.2
1.0
14.0
1.0
21.6
23.2
14.0
S A15 (C )
16.7
20.4
1.0
15.0
1.0
18.6
26.9
16.0
S A15 (C )A
16.7
18.5
1.0
15.0
1.0
20.5
24.4
16.0
S A16 (C )
17.8
21.8
1.0
16.0
1.0
17.4
28.8
19.0
S A16 (C )A
17.8
19.7
1.0
16.0
1.0
19.2
26.0
17.0
S A17 (C )
18.9
23.1
1.0
17.0
1.0
16.4
30.5
20.0
S A17 (C )A
18.9
20.9
1.0
17.0
1.0
18.1
27.6
19.0
S A18 (C )
20.0
24.4
1.0
18.0
1.0
15.5
32.2
21.0
S A18 (C )A
20.0
22.1
1.0
18.0
1.0
17.1
29.2
20.0
S A20 (C )
22.2
27.1
1.0
20.0
1.0
14.0
35.8
25.0
S A20 (C )A
22.2
24.5
1.0
20.0
1.0
15.4
32.4
23.0
S A22 (C )
24.4
29.8
1.0
22.0
1.0
22.7
39.4
28.0
S A22 (C )A
24.4
26.9
1.0
22.0
1.0
14.1
35.5
25.0
S A24 (C )
26.7
32.6
1.0
24.0
1.0
11.6
43.0
31.0
S A24 (C )A
26.7
29.5
1.0
24.0
1.0
12.9
38.9
28.0
S A26 (C )
28.9
35.3
1.0
26.0
1.0
10.7
46.6
31.0
S A26 (C )A
28.9
31.9
1.0
26.0
1.0
11.9
42.1
30.0
S A28 (C )
31.1
38.0
1.0
28.0
1.0
10.0
50.1
35.0
S A28 (C )A
31.1
34.4
1.0
28.0
1.0
11.0
45.4
31.0
S A30 (C )
33.3
40.7
1.0
30.0
1.0
9.3
53.5
39.0
S A30 (C )A
33.3
36.8
1.0
30.0
1.0
10
48.4
36.0
S A33 (C )
36.7
44.9
1.0
33.0
1.0
8.5
59.0
42.0
S A33 (C )A
36.7
40.6
1.0
33.0
1.0
9.4
53.3
39.0
S A36 (C )
40.0
48.9
1.0
36.0
1.0
7.8
64.3
46.0
S A36 (C )A
40.0
44.2
1.0
36.0
1.0
8.6
58.1
41.0
S A40 (C )
44.4
54.3
1.0
40.0
1.0
7.0
71.4
51.0
S A40 (C )A
44.4
49.1
1.0
40.0
1.0
7.8
64.5
46.0


Similar Part No. - SA33

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SA33 CHONGQING-SA33 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA33 PANJIT-SA33 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA33 FCI-SA33 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA33 LUGUANG-SA33 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SA33 YANGJIE-SA33 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - SA33

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
P5KE5.0 MCC-P5KE5.0_11 Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com