Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC573 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHC573
Description  Octal D-type transparent latch; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC573 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC573_03 Datasheet HTML 2Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 3Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 4Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 5Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 6Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 7Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 8Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 9Page - NXP Semiconductors 74AHC573_03 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2003 Dec 08
6
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC573; 74AHCT573
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. For SO20packages: above 70
°C the value of Ptot derates linearly with 8 mW/K.
For TSSOP20 packages: above 60
°C the value of Ptot derates linearly with 5.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74AHC
74AHCT
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
5.5
0
5.5
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
operating ambient
temperature
see DC and AC
characteristics per device
−40
+25
+85
−40
+25
+85
°C
−40
+25
+125
−40
+25
+125
°C
tr,tf
input rise and fall rates
VCC = 3.3 V ±0.3 V
−−
100
−−−
ns/V
VCC =5V ±0.5 V
−−
20
−−
20
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX. UNIT
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input diode current
VI < −0.5 V; note 1
−−20
mA
IOK
output diode current
VO < −0.5 V or VO >VCC + 0.5 V; note 1
−±20
mA
IO
output source or sink
current
−0.5V<VO <VCC + 0.5 V
−±25
mA
ICC
VCC or GND current
−±75
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 to +125 °C; note 2
500
mW


Similar Part No. - 74AHC573_03

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
280Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 13 July 2020
logo
NXP Semiconductors
74AHC573BQ NXP-74AHC573BQ Datasheet
175Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 05-25 March 2010
logo
Nexperia B.V. All right...
74AHC573BQ NEXPERIA-74AHC573BQ Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
74AHC573BQ-Q100 NEXPERIA-74AHC573BQ-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
More results

Similar Description - 74AHC573_03

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com