Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ6.5C Datasheet(PDF) 4 Page - DAESAN ELECTRONIC CORP.

Part # SMBJ6.5C
Description  POWER 600Watts VOLTAGE 5.0 to 188 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMBJ6.5C Datasheet(HTML) 4 Page - DAESAN ELECTRONIC CORP.

  SMBJ6.5C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMBJ6.5C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMBJ6.5C Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMBJ6.5C Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES SMBJ5.0 THRU SMBJ188CA
0
25
50
75
100
0
75
25
50
100
125
150
175
200
T A ,
Ambient Temperature ( C )
Fig. 2Ð P uls e Derating C ur ve
Fig. 1ÐP eak P uls e Power R ating C urve
0.1
1
10
100
0.1μs
μs
μs
1.0
1 0
td ,
P ulse Width (sec.)
100
1.0ms
10ms
0.2 x 0.2" (0.5 x 0.5mm)
C opper P ad Areas
Fig. 6Ð Maximum Non-R epetitive P eak
F orward S urge C urrent
Number of C ycles at 60HZ
10
200
100
1
1
0
100
8.3ms S ingle Half S ine-Wave
(J E DE C Method)
Unidirectional Only
tp ,
P ulse Duration (sec)
F ig. 5ÐT ypical Trans ient T hermal
Impedance
0.1
1.0
10
100
0.001
0.01
0.1
1
10
100
1000
0
50
100
150
Fig. 3Ð P uls e Waveform
T J = 25
oC
P ulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10μs
P eak Value
IPPM
Half Value
IP P
IPPM
2
td
10/1000μs
W aveform
as defined by R .E .A.
0
1.0
2.0
3.0
4.0
t ,
Time (ms)
Fig. 4ÐT ypical J unction C apacitance
10
100
1,000
6,000
10
1
100
200
VWM , R everse S tand-Off Voltage (V)
T J = 25
oC
f = 1.0MHz
V sig = 50mV p-p
V R , Measured at
S tand-Off
Voltage, V WM
Measured at
Zero B ias
Uni-Directional
B i-Directional


Similar Part No. - SMBJ6.5C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ6.5C BYTES-SMBJ6.5C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMBJ6.5C SOCAY-SMBJ6.5C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
EIC discrete Semiconduc...
SMBJ6.5C EIC-SMBJ6.5C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ6.5C SOCAY-SMBJ6.5C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ6.5C MCC-SMBJ6.5C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ6.5C

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
SMAJ50 DAESAN-SMAJ50 Datasheet
369Kb / 4P
   POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com