Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT573D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHCT573D
Description  Octal D-type transparent latch; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT573D Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHCT573D Datasheet HTML 1Page - NXP Semiconductors 74AHCT573D Datasheet HTML 2Page - NXP Semiconductors 74AHCT573D Datasheet HTML 3Page - NXP Semiconductors 74AHCT573D Datasheet HTML 4Page - NXP Semiconductors 74AHCT573D Datasheet HTML 5Page - NXP Semiconductors 74AHCT573D Datasheet HTML 6Page - NXP Semiconductors 74AHCT573D Datasheet HTML 7Page - NXP Semiconductors 74AHCT573D Datasheet HTML 8Page - NXP Semiconductors 74AHCT573D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2003 Dec 08
4
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC573; 74AHCT573
PINNING
PIN
SYMBOL
DESCRIPTION
1
OE
3-state output enable input (active
LOW)
2
D0
data input
3
D1
data input
4
D2
data input
5
D3
data input
6
D4
data input
7
D5
data input
8
D6
data input
9
D7
data input
10
GND
ground (0 V)
11
LE
latch enable input (active HIGH)
12
Q7
3-state latch output
13
Q6
3-state latch output
14
Q5
3-state latch output
15
Q4
3-state latch output
16
Q3
3-state latch output
17
Q2
3-state latch output
18
Q1
3-state latch output
19
Q0
3-state latch output
20
VCC
supply voltage
Fig.1 Pin configuration SO20 and TSSSOP20.
handbook, halfpage
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
VCC
Q0
Q1
Q2
Q4
Q5
Q3
Q6
Q7
LE
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
573
MNA388
Fig.2 Logic symbol.
handbook, halfpage
MNA389
D0
D1
D2
D3
D4
D5
D6
D7
OE
LE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
11
1
12
13
14
15
16
17
18
19
9
8
7
6
5
4
3
2
Fi 3 L
i di
Fig.3 IEC logic symbol.
handbook, halfpage
MNA390
12
13
14
15
16
17
18
11
C1
1
EN
1D
19
9
8
7
6
5
4
3
2


Similar Part No. - 74AHCT573D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT573D PHILIPS-74AHCT573D Datasheet
91Kb / 20P
   Octal D-type transparent latch; 3-state
1999 Sep 27
logo
Nexperia B.V. All right...
74AHCT573D NEXPERIA-74AHCT573D Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
74AHCT573D-Q100 NEXPERIA-74AHCT573D-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
74AHCT573D-Q100 NEXPERIA-74AHCT573D-Q100 Datasheet
280Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 13 July 2020
More results

Similar Description - 74AHCT573D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com