Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1140 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # H1140
Description  10/100BASE-TX TRANSFORMER MODULES For Auto MDI/MDIX Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H1140 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  H1140 Datasheet HTML 1Page - Pulse A Technitrol Company H1140 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 769 5538070 •• Taiwan 886 2 26980228
www.pulseeng.com
1
H328.D (10/05)
.230
5,84
0° – 8°
40X
40 SURFACES
.004 / 0,10
.045
1,14
.010
0,25
MAX
0° – 8°
40X .045
1,14
40 SURFACES
.004 / 0,10
.280
7,11
.010
0,25
19X
.630
16,00
.050
1,27
.950
24,13
MAX
1.125
28,58
.050
1,27
40X.020
0,51
.480
12,19
.950
24,13
19X
.660
16,76
.050
1,27
40X.040
1,02
.495
12,57
H1140, HX1240, HX1234
H1164
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
For RoHS part add suffix NL5
Peak solder temperature rating per Table 5-2
in IPC/JEDEC J-STD-020C
Symmetrical TX and RX channels for
Auto MDI/MDIX capability
Approved for use with the Broadcom BCM5226
and Level One LXT9784
Meets IEEE 802.3 specification
Weight . . . . . . . . . .4.8 grams
Tape & Reel . . . . . . .250/reel
Tube . . . . . . . . . . . . . .15/tube
Dimensions:
Inches
Unless otherwise specified, all tolerances are
±.010
mm
0,25
H1140, H1164, HX1234, HX1240
Mechanicals
.230
5,84
16X
.495
12,57
16 SURFACES
.004 / 0,10
16X
.010
0,25
16X .020
0,51
.050
1,27
.475
12,07
.600
15,24
.625
15,88
.050
1,27
.030
0,76
.042
10,67
0° – 8°
16X
.490
12,45
7X
= .350
8,89
.050
1,27
Date Code
Country of Origin
= .350
8,89
7X .050
1,27
Weight . . . . . . . . . . . .1 gram
Tape & Reel . . . . . . .350/reel
Tube . . . . . . . . . . . . . .35/tube
H1141
10/100BASE-TX
TRANSFORMER MODULES
For Auto MDI/MDIX Applications
Insertion
Return Loss
Crosstalk
Differential to
Part 2
Loss
(dB MIN)
(dB MIN)
Common Mode
Hipot
Number
RoHS5
(MAX)
Rejection (dB MIN)
(Vrms MIN)
0.1-100MHz
2-30MHz
40MHz
50MHz 60-80MHz
1kHZ
30MHz
60MHz
100MHz
1-60MHz 60-200MHz
H1140
3, 4c
-1.0
-18
-14.4
-13.1
-12
-65
-50
-40
-35
-40
-35
1500
H1141
3, 4c
-1.0
-18
-14.4
-13.1
-12
-65
-50
-40
-35
-40
-35
1500
H1164
NL4d
-1.0
-18
-14.4
-13.1
-12
-55
-45
-40
-33
-37
-25
1500
HX12341
NL4c
-1.4
-18
-14.4
-13.1
-12
-55
-45
-40
-33
-37
-25
1500
HX12401
3, 4c
-1.0
-16.5
-16
-15.5
-12
-60
-43
-38
-33
-43
-27
1500
1. Operating Temperature -40°C to +85°C
2. For Tape & Reel packaging, add a “T” suffix at the end of the part number when ordering, e.g. H1164T
3. Contact Pulse for RoHS compliant part availability
4. MSL=Moisture Sensitivity Level a=1 b=2 c=3 d=4
5. Add suffix NL for RoHS compliant parts, e.g. H1164 changes to H1164NL or H1164NLT (for Tape and Reel)


Similar Part No. - H1140

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1140NL PULSE-H1140NL Datasheet
182Kb / 2P
   10/100BASE-TX TRANSFORMEr MODULES For Auto MDI/MDIX Applications
H1140NL PULSE-H1140NL Datasheet
320Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES
H1140NL PULSE-H1140NL Datasheet
320Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES
H1140NL PULSE-H1140NL Datasheet
182Kb / 2P
   10/100BASE-TX TRANSFORMEr MODULES
More results

Similar Description - H1140

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1064M BOTHHAND-40ST1064M Datasheet
287Kb / 1P
   10/100BASE-TX TRANSFORMER MODULES FOR AUTO MDI/MDIX APPLICATIONS
logo
Pulse A Technitrol Comp...
H1164T PULSE-H1164T Datasheet
182Kb / 2P
   10/100BASE-TX TRANSFORMEr MODULES For Auto MDI/MDIX Applications
logo
Bothhand USA, LP.
40ST1140AX BOTHHAND-40ST1140AX Datasheet
289Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES FOR AUTO MDI/MDIX APPLICATIONS
40ST1140AXLF BOTHHAND-40ST1140AXLF Datasheet
311Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES FOR AUTO MDI/MDIX APPLICATIONS
40ST1140 BOTHHAND-40ST1140 Datasheet
218Kb / 1P
   10/100 BASE-TX TRANSFORMER MOSULES FOR AUTO MDI/MDIX APPLICATIONS
logo
Nuvotem Talema
TEXQ-400M-J TALEMA-TEXQ-400M-J Datasheet
75Kb / 2P
   Quad Port Auto MDI/MDIX 10/100Base-T Transformer Isolation Modules
TEXD-400N-J TALEMA-TEXD-400N-J Datasheet
45Kb / 1P
   Dual Port SMD Auto MDI/MDIX 10/100Base-T Isolation Transformer Modules
logo
VITALCONN ELECTRONICS H...
TG40010S1 VITALCONN-TG40010S1 Datasheet
447Kb / 2P
   10/100 BASE-TX TRANSFORMERS FOR AUTO MDI/MDIX APPLICATIONS
logo
Bothhand USA, LP.
20PT1124X BOTHHAND-20PT1124X Datasheet
262Kb / 1P
   10/100 BASE-TX LAN MAGNETICS FOR AUTO MDI/MDIX APPLICATION
20PT1024 BOTHHAND-20PT1024 Datasheet
59Kb / 1P
   10/100 BASE-TX LAN MAGNETICS FOR AUTO MDI/MDIX APPLICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com