Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH2245DGVRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74LVTH2245DGVRE4
Description  3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVTH2245DGVRE4 Datasheet(HTML) 5 Page - Texas Instruments

  74LVTH2245DGVRE4 Datasheet HTML 1Page - Texas Instruments 74LVTH2245DGVRE4 Datasheet HTML 2Page - Texas Instruments 74LVTH2245DGVRE4 Datasheet HTML 3Page - Texas Instruments 74LVTH2245DGVRE4 Datasheet HTML 4Page - Texas Instruments 74LVTH2245DGVRE4 Datasheet HTML 5Page - Texas Instruments 74LVTH2245DGVRE4 Datasheet HTML 6Page - Texas Instruments 74LVTH2245DGVRE4 Datasheet HTML 7Page - Texas Instruments 74LVTH2245DGVRE4 Datasheet HTML 8Page - Texas Instruments 74LVTH2245DGVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54LVTH2245, SN74LVTH2245
3.3V ABT OCTAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS707E − SEPTEMBER 1997 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
SN54LVTH2245
SN74LVTH2245
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
tPLH
A
B
1
4.6
5.3
1.1
2.9
4.4
5.1
ns
tPHL
A
B
1
4.6
5.3
1.1
2.6
4.4
5.1
ns
tPLH
B
A
1
3.7
4.2
1.1
2.2
3.5
4
ns
tPHL
B
A
1
3.7
4.2
1.1
2
3.5
4
ns
tPZH
OE
A
1.2
5.7
7.4
1.3
3.1
5.5
7.1
ns
tPZL
OE
A
1.6
5.7
6.8
1.7
3.2
5.5
6.5
ns
tPHZ
OE
A
2
6.2
6.8
2.2
3.6
5.9
6.5
ns
tPLZ
OE
A
2
5.3
5.5
2.2
3.4
5
5.1
ns
tPZH
OE
B
1.2
6.4
7.6
1.3
3.5
6.2
7.3
ns
tPZL
OE
B
1.6
6.4
7.5
1.7
3.7
6.2
7.3
ns
tPHZ
OE
B
2
6.1
6.8
2.2
3.9
5.9
6.5
ns
tPLZ
OE
B
2
5.7
5.9
2.2
3.7
5.4
5.7
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - 74LVTH2245DGVRE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH2245D NXP-74LVTH2245D Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
Nexperia B.V. All right...
74LVTH2245D NEXPERIA-74LVTH2245D Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVTH2245DB NXP-74LVTH2245DB Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
More results

Similar Description - 74LVTH2245DGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTR245 TI-SN54LVTR245 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI-SN54LVTH245A Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT245B TI-SN54LVT245B Datasheet
111Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI1-SN54LVTH245A_16 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH2245 TI-SN54LVTH2245 Datasheet
108Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTZ245 TI1-SN74LVTZ245 Datasheet
227Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT646 TI-SN54LVT646 Datasheet
155Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI-SN54LVTH646 Datasheet
137Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI1-SN54LVTH646_15 Datasheet
936Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVT652 TI-SN74LVT652 Datasheet
179Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com