Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HD033A-TRB Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HD033A-TRB
Description  Super Red Suitable for all SMT assembly methods.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HD033A-TRB Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-HD033A-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HD033A-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HD033A-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HD033A-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HD033A-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HD033A-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HD033A-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HD
D0
03
33
3A
A--T
TR
RB
B
SINCE 1981
Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
IF=20mA
-
1.8
2.6
V
Luminous Intensity
Iv
IF=20mA
28.0
60.0
-
mcd
Reverse Current
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=20mA
-
660
-
nm
Dominant Wave Length
λ
d
IF=20mA
638
-
648
nm
Spectral Line Half-width
Δλ
IF=20mA
-
20
-
nm
Veiwing Angle
1/2
IF=20mA
-
60
-
deg
Typical Electro-Optical Characteristics Curves
Fig.5 Relative luminous intensity vs. forward current
710
Forward current (mA)
0
10
20
30
40
50
0.5
1.0
1.5
2.0
610
660
Forward voltage(V)
1
10
0
20
3
24
5
Wavelength (nm)
Fig.3 Forward current vs. forward voltage
50
30
40
1.0
0
0.5
Fig.1 Relative intensity vs. wavelength
0.3
0.5
0.7
0.8
0.9
1.0
90
0.6
0.2
0.1
0.4
010
20
80
70
60
50
40
30
100
80
40
60
20
Ambient temperature Ta( C)
ambient temperature
Fig.4 Relative luminous intensity vs.
Ambient temperature Ta( C)
RADIATION DIAGRAM
-20
-40
A
1.0
0.5
0
3.0
2.0
2.5
1.5
40
20
060
vs. ambient temperature
Fig.2 Forward current derating curve
60
30
20
10
10
0
50
40
Ver.2.0 Page 2 of 7


Similar Part No. - BL-HD033A-TRB

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-HD033A-TRB AMERICANBRIGHT-BL-HD033A-TRB Datasheet
284Kb / 7P
   Top Emitting SMT LED Components
Ver.2.0
More results

Similar Description - BL-HD033A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HUB34C-TRB BRIGHT-BL-HUB34C-TRB Datasheet
198Kb / 6P
   Super Red Suitable for all SMT assembly methods.
BL-HD036D-TRB BRIGHT-BL-HD036D-TRB Datasheet
217Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HF034A-TRB BRIGHT-BL-HF034A-TRB Datasheet
322Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HF036D-TRB BRIGHT-BL-HF036D-TRB Datasheet
217Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HUB35A-TRB BRIGHT-BL-HUB35A-TRB Datasheet
202Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HS133A-TRB BRIGHT-BL-HS133A-TRB Datasheet
217Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HS135A-TRB BRIGHT-BL-HS135A-TRB Datasheet
202Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HD033-TRB BRIGHT-BL-HD033-TRB Datasheet
211Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HF033A-TRB BRIGHT-BL-HF033A-TRB Datasheet
220Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HF033-TRB BRIGHT-BL-HF033-TRB Datasheet
215Kb / 7P
   Super Red Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com