Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ75CA Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SMBJ75CA
Description  POWER 600Watts VOLTAGE 5.0 to 188 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMBJ75CA Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SMBJ75CA Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMBJ75CA Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMBJ75CA Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMBJ75CA Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBJ5.0 THRU SMBJ188CA
Features
Mechanical Data
· Underwriters Laboratory recognition under UL standard
for safety 497B : Isolated loop curcuit protection
· Low profile package with built-in strain relief for surface
mounted applications
· Glass passivated junction
· Low incremental surge resistance, excellent clamping
capability
· 600W peak pulse power capability with a 10/1000μS
waveform, repetition rate(duty cycle) : 0.01%
· Very fast response time
· High temperature soldering guaranteed : 250℃/10 seconds
at terminals
Devices For Bidirectional Applications
Maximum Ratings And Electrical Characteristics
· For bi-directional devices, use suffix C or CA (e.g. SMBJ10C, SMBJ10CA).
Electrical characteristics apply in both directions.
· Case : JEDEC DO-214AA(SMB) molded plastic
over passivated chip
· Terminals : Solder plated , solderable per
MIL-STD-750, method 2026
· Polarity : For uni-directional types the band denotes
the cathode, which is positive with respect to the
anode under normal TVS operation
· Mounting Position : Any
· Weight : 0.003 ounce, 0.093 gram
Peak pulse power dissipation with a 10/1000μS waveform (Note 1,2. Fig. 1)
Peak pulse current with a waveform (Note 1)
Typical thermal resistance, junction to lead
Typical thermal resistance, junction to ambient (Note 3)
Peak forward surge current, 8.3mm single half sine-wave unidirectional only (Note 2)
Operating junction and storage temperature range
PPPM
Minimum 600
Watts
Symbols
Values
Units
20
IPPM
See next table
Amps
100
100
IFSM
TJ,TSTG
-55 to +150
℃/W
℃/W
Amps
(Ratings at 25℃ ambient temperature unless otherwise specified)
Notes:
(1) Non repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2
(2) Mounted on 0.2×0.2"(5.0×5.0mm) copper pads to each terminal
(3) Mounted on minimum recommended pad layout
POWER 600Watts
VOLTAGE 5.0 to 188 Volts
JA
JL
Dimensions in inches and (millimeters)
0.083(2.11)
0.075(1.91)
0.155(3.94)
0.130(3.30)
0.012(0.31)
0.006(0.15)
0.185(4.70)
0.160(4.06)
0.096(2.44)
0.083(2.13)
0.050(1.27)
0.030(0.76)
0.008(0.203)
MAX.
0.220(5.59)
0.200(5.08)
DO-214AA (SMB)


Similar Part No. - SMBJ75CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ75CA LITTELFUSE-SMBJ75CA Datasheet
235Kb / 4P
   Silicon Avalanche Diodes
logo
Bytes
SMBJ75CA BYTES-SMBJ75CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMBJ75CA SECOS-SMBJ75CA Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMBJ75CA SECOS-SMBJ75CA Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
logo
AiT Semiconductor Inc.
SMBJ75CA AITSEMI-SMBJ75CA Datasheet
542Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER
REV2.1
More results

Similar Description - SMBJ75CA

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
SMAJ50 DAESAN-SMAJ50 Datasheet
369Kb / 4P
   POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com