Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HE135A-TRB Datasheet(PDF) 6 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HE135A-TRB
Description  Hi-Eff Red Suitable for all SMT assembly methods.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HE135A-TRB Datasheet(HTML) 6 Page - BRIGHT LED ELECTRONICS CORP

  BL-HE135A-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HE135A-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HE135A-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HE135A-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HE135A-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HE135A-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HE135A-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HE
E1
13
35
5A
A--T
TR
RB
B
SINCE 1981
Soldering :
1. Manual Of Soldering
The temperature of the iron tip should not be higher than 300℃(572℉) and Soldering within 3
seconds per solder-land is to be observed.
2. Reflow Soldering
Preheating : 140℃~160℃±5℃,within 2 minutes.
Operation heating : 235℃(Max.) within 10 seconds.(Max)
Gradual Cooling (Avoid quenching).
3.
DIP soldering (Wave Soldering) :
Preheating : 120℃~150℃,within 120~180 sec.
Operation heating : 245℃±5℃ within 5 sec.260℃ (Max)
Gradual Cooling (Avoid quenching).
● Handling :
Care must be taken not to cause to the epoxy resin portion of BRIGHT LEDs while it is exposed to
high temperature.
Care must be taken not rub the epoxy resin portion of BRIGHT LEDs with hard or sharp article such
as the sand blast and the metal hook.
Time
OVER 2 MIN.
4℃ /SEC. MAX.
4℃ /SEC. MAX.
10 SEC. MAX.
235℃ MAX.
140~160℃
Time
120~180 sec.
Preheat
245 ±5℃ within 5 sec.
Soldering heat Max. 260 ℃
120~150℃
Ver.2.1
Page 6 of 7


Similar Part No. - BL-HE135A-TRB

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-HE135A-TRB AMERICANBRIGHT-BL-HE135A-TRB Datasheet
208Kb / 7P
   Top Emitting SMT LED Components
Ver.2.1
More results

Similar Description - BL-HE135A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HE133A-TRB BRIGHT-BL-HE133A-TRB Datasheet
221Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE134C-TRB BRIGHT-BL-HE134C-TRB Datasheet
210Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE133-TRB BRIGHT-BL-HE133-TRB Datasheet
228Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE134A-TRB BRIGHT-BL-HE134A-TRB Datasheet
213Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE136D-TRB BRIGHT-BL-HE136D-TRB Datasheet
216Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE1G034B-TRB BRIGHT-BL-HE1G034B-TRB Datasheet
285Kb / 7P
   Hi-Eff Red and Suitable for all SMT assembly methods.
BL-HE1Y033B-TRB BRIGHT-BL-HE1Y033B-TRB Datasheet
230Kb / 7P
   Hi-Eff Red and Yellow Suitable for all SMT assembly methods.
BL-HX136D-TRB BRIGHT-BL-HX136D-TRB Datasheet
271Kb / 7P
   Hi-Eff Green Suitable for all SMT assembly methods.
BL-HX134A-TRB BRIGHT-BL-HX134A-TRB Datasheet
228Kb / 7P
   Hi-Eff Green Suitable for all SMT assembly methods.
BL-HX133A-TRB BRIGHT-BL-HX133A-TRB Datasheet
215Kb / 7P
   Hi-Eff Green Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com