Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ8.5CA Datasheet(PDF) 4 Page - DAESAN ELECTRONIC CORP.

Part # SMCJ8.5CA
Description  POWER 1500Watts VOLTAGE 5.0 to 188 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMCJ8.5CA Datasheet(HTML) 4 Page - DAESAN ELECTRONIC CORP.

  SMCJ8.5CA Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMCJ8.5CA Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMCJ8.5CA Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMCJ8.5CA Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES SMCJ5.0 THRU SMCJ188CA
Fig. 4ÐTypical J unction C apacitance
Uni-Directional
0
25
50
75
100
0
75
25
50
100
125
150
175
200
T A ,
Ambient Temperature (
oC )
10
100
1,000
10,000
20,000
10
1
100
400
VWM , R everse S tand-Off Voltage (V)
Fig. 2Ð P uls e Derating C ur ve
Fig. 1ÐP eak P uls e Po wer R ating C ur ve
0.1
1
10
100
0.1μs
μs
μs
μs
1.0
1 0
td , P ulse Width (sec.)
100
1.0ms
10ms
0.31 x 0.31" (8.0 x 8.0mm)
C opper P ad Areas
T J = 25
oC
f = 1.0MHz
V sig = 50mV p-p
Measured at
Zero B ias
V R , Measured at
S tand-Off
Voltage, V WM
Fig. 6 - Maximum Non-R epetitive Forward
S urge C urrent Uni-Directional Us e Only
1
10
100
10
100
200
Number of C ycles at 60Hz
8.3ms S ingle Half S ine-Wave
(J E DE C Method)
T J = TJ max.
Uni-Directional
B i-Directional
tp ,
P ulse Duration (sec)
F ig. 5ÐT ypical Trans ient T hermal
Impedance
0.1
1.0
10
100
0.001
0.01
0.1
1
10
100
1000
0
50
100
150
Fig. 3Ð P uls e Waveform
T J = 25
oC
P ulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10μs
P eak Value
IPPM
Half Value
IP P
IPPM
2
td
10/1000μs
W aveform
as defined by R .E .A.
0
1.0
2.0
3.0
4.0
t ,
Time (ms)


Similar Part No. - SMCJ8.5CA

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
SMCJ8.5CA HOTTECH-SMCJ8.5CA Datasheet
541Kb / 3P
   Transient Voltage Suppressors
logo
Fairchild Semiconductor
SMCJ8.5CA FAIRCHILD-SMCJ8.5CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Jinan Jing Heng Electro...
SMCJ8.5CA JINGHENG-SMCJ8.5CA Datasheet
139Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMCJ8.5CA PACELEADER-SMCJ8.5CA Datasheet
137Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMCJ8.5CA SOCAY-SMCJ8.5CA Datasheet
623Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMCJ8.5CA

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
SMAJ50 DAESAN-SMAJ50 Datasheet
369Kb / 4P
   POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
1N6267 DAESAN-1N6267 Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Micro Commercial Compon...
LCE6.5A MCC-LCE6.5A Datasheet
221Kb / 4P
   1500Watts Low Capacitance Transient Voltage Suppressor 6.5 to 28 Volts
LCE28A MCC-LCE28A_16 Datasheet
195Kb / 4P
   1500Watts Low Capacitance Transient Voltage Suppressor 6.5 to 28 Volts
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com